Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BOXER-8332AI-CFL Datasheet(PDF) 2 Page - AAEON Technology

No. de pieza BOXER-8332AI-CFL
Descripción Electrónicos  High Computing Power AI Edge Server with 8th/9th Generation Intel® Processor & Nvidia A2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AAEON [AAEON Technology]
Página de inicio  http://www.aaeon.com
Logo AAEON - AAEON Technology

BOXER-8332AI-CFL Datasheet(HTML) 2 Page - AAEON Technology

  BOXER-8332AI-CFL Datasheet HTML 1Page - AAEON Technology BOXER-8332AI-CFL Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01-34
0
1
Note: All specifications are subject to change without notice.
www.aaeon.com
BOXER-8332AI-CFL
Dimension
Unit: mm
Ordering Information
Packing List
• Nvidia A2 x1
• Wallmount Bracket x2
• 3 Pin DC-in Power Connector x1
• Screw Package x1
• Thermal Pad Package x1
• BOXER-8332AI-CFL x1
Optional Accessories
Part Number
CPU
PCH
LAN
USB 3.2
Gen1
USB 2.0 RS-232
RS-
232/422/485
Digital
I/O
Audio
Storage
Display
Expansion
Mounting
Power
Operation temp.
BOXER-8332AI-CFL-A2-1010
C246
3
6
4
Mic-in,
Line-out x1
2.5” SATA Drive bay x2
mSATA x1 (optional)
M.2 2280 NVMe SSD slot x1
HDMI x2
Full-size Minicard x1
(PCIE + USB with 1 SIM Slot)
Half-size Minicard x1
(PCIE + USB, optional for mSATA)
M.2 M key (2280) x1 (PCIEx4)
Built in Nvidia A2 x1
PCIE [x4] x1
Wallmount
DC In 12~24V with
3-pin terminal block
0°C ~ 40°C with
0.5m/s airflow
• 1255901209
120W Power Adapter
• 1255902400
240W Power Adapter
• 1255903300
330W Power Adapter
• 1702031802
Power Cord (US type)
• 1702031803
Power Cord (European Type)
• 170203180E
Power Cord (Japanese Type)
• 9741324A00
WiFi Module & Antenna
• 9741EG25G0
4G Module & Antenna (for global)



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com