Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS527-02 Datasheet(PDF) 4 Page - Renesas Technology Corp

No. de pieza ICS527-02
Descripción Electrónicos  CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS527-02 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS527-02 Datasheet HTML 1Page - Renesas Technology Corp ICS527-02 Datasheet HTML 2Page - Renesas Technology Corp ICS527-02 Datasheet HTML 3Page - Renesas Technology Corp ICS527-02 Datasheet HTML 4Page - Renesas Technology Corp ICS527-02 Datasheet HTML 5Page - Renesas Technology Corp ICS527-02 Datasheet HTML 6Page - Renesas Technology Corp ICS527-02 Datasheet HTML 7Page - Renesas Technology Corp ICS527-02 Datasheet HTML 8Page - Renesas Technology Corp ICS527-02 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ICS527-02
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
PECL ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER 4
ICS527-02
REV J 051310
because of internal pull-ups) during Printed Circuit
Board layout, so the ICS527-02 automatically produces
the correct clock when mounted on the board. It is also
possible to connect the inputs to parallel I/O ports in
order to switch frequencies.
The output of the ICS527-02 can be determined by the
following simple equation:
Where:
Reference Divider Word (RDW) = 0 to 127
Feedback Divider Word (FDW) = 0 to 127
FB Frequency is the same as either CLK1 or
CLK2 depending on feedback connection
Also, the following operating ranges should be
observed:
S0 and S1 should be selected depending on the
frequency of CLK1. The table on page 2 gives the
ranges.
The dividers are expressed as integers. For example, if
a 50 MHz output on CLK1 is desired from a 40 MHz
input, the reference divider word (RDW) should be 2
and the feedback divider word (FDW) should be 3 which
gives the required 5/4 multiplication. If multiple choices
of dividers are available, then the lowest numbers
should be used. In this example, the output divide (OD)
should be selected to be 2. Then R6:R0 is 0000010,
F6:F0 is 0000011 and S1:S0 is 00. Also, this example
assumes CLK1 is connected to FBIN.
If you need assistance determining the optimum divider
settings, please send an e-mail to
mk-support@icst.com with the desired input clock and
the desired output frequency.
Typical Example
The layout diagram below will produce the waveforms shown on the right.
Note: The series termination resistor is located before the feedback trace.
FB Frequency
Input Frequency
FDW
2
+
RDW
2
+
------------------------
×
=
300kHz
Input Frequency
RDW
2
+
-------------------------------------------
20 MHz
<<
40 MHz
PECLIN
50 MHz
CLK1
SYNC
CLK2
PECLIN
FBIN
PECLIN
F6
F5
GND
F4
OECLK2
F0
F1
F2
F3
CLK1
CLK2
GND
S1
VDD
R0
VDD
DIV2
S0
R2
R1
R5
R6
R4
R3
PECLIN
PDTS
50 MHz
SYNC
33
33
0.01
µF
40 MHz
40 MHz
0.01
µF
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com