| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IXGP7N60B Datasheet(PDF) 1 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXGP7N60B Datasheet(HTML) 1 Page - IXYS Corporation |
|
1 / 2 page ![]() © 2002 IXYS All rights reserved 98563A (06/02) Symbol Test Conditions Maximum Ratings V CES T J = 25°C to 150°C 600 V V CGR T J = 25°C to 150°C; R GE = 1 MΩ 600 V V GES Continuous ±20 V V GEM Transient ±30 V I C25 T C = 25°C 14 A I C90 T C = 90°C 7 A I CM T C = 25°C, 1 ms 30 A SSOA V GE = 15 V, TVJ = 125°C, RG = 22 Ω I CM = 14 A (RBSOA) Clamped inductive load, L = 300 µH @ 0.8 V CES P C T C = 25°C 54 W T J -55 ... +150 °C T JM 150 °C T stg -55 ... +150 °C Maximum lead temperature for soldering 300 ° C 1.6 mm (0.062 in.) from case for 10 s M d Mounting torque, (TO-220) Μ3 0.45/4 Nm/lb.in. Μ3.5 0.55/5 Weight TO-220 4 g TO-263 2 g Symbol Test Conditions Characteristic Values (T J = 25°C, unless otherwise specified) min. typ. max. BV CES I C = 250 µA, V GE = 0 V 600 V V GE(th) I C = 250 µA, V CE = VGE 2.5 5.5 V I CES V CE = 0.8 V CES T J = 25°C 100 µA V GE = 0 V T J = 125°C 500 µA I GES V CE = 0 V, V GE = ±20 V ±100 nA V CE(sat) I C = I C90, VGE = 15 V 1.8 2.0 V Features • International standard packages JEDEC TO-263 surface mountable and JEDEC TO-220 AB • Medium frequency IGBT • High current handling capability • HiPerFASTTM HDMOSTM process • MOS Gate turn-on - drive simplicity Applications • Uninterruptible power supplies (UPS) • Switched-mode and resonant-mode power supplies • AC motor speed control • DC servo and robot drives • DC choppers Advantages • High power density • Suitable for surface mounting • Very low switching losses for high frequency applications HiPerFASTTM IGBT IXGA 7N60B IXGP 7N60B V CES = 600 V I C25 = 14 A V CE(sat) = 2 V t fi = 150 ns G = Gate, C = Collector, E = Emitter, TAB = Collector G E C (TAB) TO-263 AA (IXGA) G C E TO-220AB (IXGP) |
Número de pieza similar - IXGP7N60B |
|
Descripción similar - IXGP7N60B |