Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SF2GDF-13 Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza SF2GDF-13
Descripción Electrónicos  2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SF2GDF-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  SF2GDF-13 Datasheet HTML 1Page - Diodes Incorporated SF2GDF-13 Datasheet HTML 2Page - Diodes Incorporated SF2GDF-13 Datasheet HTML 3Page - Diodes Incorporated SF2GDF-13 Datasheet HTML 4Page - Diodes Incorporated SF2GDF-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SF2DDF-SF2JDF
Document number: DS38060 Rev. 6 - 2
3 of 5
www.diodes.com
January 2019
© Diodes Incorporated
SF2DDF-SF2JDF
0
0.8
1.2
1.6
2
2.4
0
25
50
75
100
125
150
175
0.4
Note 6
T , TERMINAL TEMPERATURE (°C)
T
Fig. 1 Forward Current Derating Curve
VR,
f = 1MHz
VF, FORWARD VOLTAGE (V)



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com