Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS9248-192 Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza ICS9248-192
Descripción Electrónicos  Frequency Timing Generator for Transmeta Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9248-192 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9248-192 Datasheet HTML 1Page - Renesas Technology Corp ICS9248-192 Datasheet HTML 2Page - Renesas Technology Corp ICS9248-192 Datasheet HTML 3Page - Renesas Technology Corp ICS9248-192 Datasheet HTML 4Page - Renesas Technology Corp ICS9248-192 Datasheet HTML 5Page - Renesas Technology Corp ICS9248-192 Datasheet HTML 6Page - Renesas Technology Corp ICS9248-192 Datasheet HTML 7Page - Renesas Technology Corp ICS9248-192 Datasheet HTML 8Page - Renesas Technology Corp ICS9248-192 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ICS9248-192
0540F—10/27/05
Power Management
ICS9248-192 Power Management Requirements
Clock Enable Configuration
Full clock cycle timing is guaranteed at all times after the system has initially powered up except where noted. During
power up and power down operations using the PD# pin will not cause clocks of a short or longer pulse than that of
the running clock. The first clock pulse coming out of a stopped clock condition may be slightly distorted due to clock
network charging circuitry. Board routing and signal loading may have a large impact on the initial clock distortion also.
Notes.
1. Clock on latency is defined from when the clock enable goes active to when the first valid clock comes out of the device.
2. Clock off latency is defined from when the clock enable goes inactive to when the last clock is driven low out of the device.
3. Power up latency is when PD# goes inactive (high) to when the first valid clocks are output by the device.
4. Power down has controlled clock counts applicable to CPUCLK, PCICLK only.
The REF will be stopped independant of these.
L
A
N
G
I
SE
T
A
T
S
L
A
N
G
I
S
y
c
n
e
t
a
L
e
e
r
f
f
o
s
e
g
d
e
g
n
i
s
i
r
f
o
.
o
N
K
L
C
I
C
P
g
n
i
n
n
u
r
#
P
O
T
S
_
U
P
C
)
d
e
l
b
a
s
i
D
(
0
2
1
)
d
e
l
b
a
n
E
(
1
1
1
#
P
O
T
S
_
I
C
P
)
d
e
l
b
a
s
i
D
(
0
2
1
)
d
e
l
b
a
n
E
(
1
1
1
#
D
P
)
n
o
i
t
a
r
e
p
O
l
a
m
r
o
N
(
1
3
s
m
3
)
n
w
o
D
r
e
w
o
P
(
0
4
x
a
m
2
#
P
O
T
S
_
U
P
C#
P
O
T
S
_
I
C
P#
N
W
D
_
R
W
PK
L
C
U
P
CK
L
C
I
C
PF
E
Rl
a
t
s
y
r
Cs
O
C
V
XX
0
w
o
Lw
o
Ld
e
p
p
o
t
Sf
f
Of
f
O
00
1
w
o
Lw
o
Lg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
01
1
w
o
Lz
H
M
3
.
3
3g
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
10
1
z
H
M
6
.
6
6
/
0
6w
o
Lg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
11
1
z
H
M
6
.
6
6
/
0
6z
H
M
3
.
3
3g
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
CPU Select Functions
#
0
6
/
6
6
L
E
S)
z
H
M
(
U
P
C
0z
H
M
0
6
1z
H
M
6
.
6
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com