| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMD1108 Datasheet(PDF) 21 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMD1108 Datasheet(HTML) 21 Page - Summit Microelectronics, Inc. |
|
21 / 29 page ![]() 21 2052 2.0 10/05/01 SMD1108 Preliminary SUMMIT MICROELECTRONICS, Inc. Table 25. Register 93 FAULT# Activation Sources Table 24. Register 92 FAULT# Activation Sources Table 23. Register 91 HEALTHY# Deactivation Sources Table 22. Register 90 HEALTHY# Deactivation Sources Registers 90 through 93 control the sources of activation for the HEALTHY# and FAULT# outputs. For the HEALTHY# output to be true all the selected sources must be within their limits. This is effectively an ANDing function. For the FAULT# output to be true only one of the selected sources need be out of limits (ORing). If the same sources for HEALTHY# and FAULT# are selected then only one of the two outputs can be true at one time. 2052 Table22 2052 Table24 2052 Table23 2052 Table25 76 5 4 3 2 1 0 t i B 3 V O 7 H C 2 V O 6 H C 1 V O 5 H C 0 V O 4 H C 3 V U 7 H C 2 V U 6 H C 1 V U 5 H C 0 V U 4 H C n o i t c n u F 0 0000000 n o i t i d n o c y b d e t c e f f a n u l a n g i s # Y H T L A E H 1 1111111 n o i t i d n o c n o e s l a f s e o g l a n g i s # Y H T L A E H 76 5 4 3 2 1 0 t i B 3 C O 7 H C 2 C O 6 H C 1 C O 5 H C 0 C O 4 H C 3 M I L 3 H C 2 M I L 2 H C 1 M I L 1 H C 0 M I L 0 H C n o i t c n u F 0 0000000 n o i t i d n o c y b d e t c e f f a n u l a n g i s # Y H T L A E H 1 1111111 n o i t i d n o c n o e s l a f s e o g l a n g i s # Y H T L A E H 76 5 4 3 2 1 0 t i B 3 V O 7 H C 2 V O 6 H C 1 V O 5 H C 0 V O 4 H C 3 V U 7 H C 2 V U 6 H C 1 V U 5 H C 0 V U 4 H C n o i t c n u F 0 0000000 n o i t i d n o c y b d e t c e f f a n u l a n g i s # T L U A F 1 1111111 n o i t i d n o c n o e u r t s e o g l a n g i s # T L U A F 76 5 4 3 2 1 0 t i B 3 C O 7 H C 2 C O 6 H C 1 C O 5 H C 0 C O 4 H C 3 M I L 3 H C 2 M I L 2 H C 1 M I L 1 H C 0 M I L 0 H C n o i t c n u F 0 0000000 n o i t i d n o c y b d e t c e f f a n u l a n g i s # T L U A F 1 1111111 n o i t i d n o c n o e s l a f s e o g l a n g i s # T L U A F |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |