| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RTAC5205SSDFG Datasheet(PDF) 4 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
RTAC5205SSDFG Datasheet(HTML) 4 Page - ITT Industries |
|
4 / 4 page ![]() L–11 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com L C&K RTA Series 1-4 Poles Coded Rotary Switches L M10 METRIC PANEL MOUNTING ACTUATOR MOUNTING STYLE CONTACT MATERIAL AD WITH BUSHING SD WITHOUT BUSHING M25 FLAT SHAFT F SCREWDRIVER SLOT 50 0,50 mm (1.97) 25 0,25 mm (.984) * Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications. CONTACT AND OPTION CODE TERMINAL MATERIAL RATING S SWITCH: 150 mA MAXIMUM, 60 V NOMINAL. LOW LEVEL/DRY CIRCUIT OR POWER G SILVER LOW LEVEL/DRY CIRCUIT RoHS COMPLIANT* RoHS COMPATIBLE* YES YES YES YES GOLD POWER: 5 VA MAXIMUM. CARRY-5 AMPS MAXIMUM. SWITCH: 20 mA MAXIMUM, 25 V NOMINAL. POWER: 0.5 VA MAXIMUM. CARRY: 1 AMP MAXIMUM. |