| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S202031SSWCDQ Datasheet(PDF) 1 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
S202031SSWCDQ Datasheet(HTML) 1 Page - ITT Industries |
|
1 / 5 page ![]() J–27 J Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com C&K S Series Slide Switches Models Available Features/Benefits • 6 to 15 AMPS • Enclosed housing • PC and Snap-in panel mounting • Reversing option • RoHS compliant Typical Applications • Portable tools • Small appliances • Floor care products Specifications CONTACT RATING: Q contact material (S1XX, S2XX Models): 6 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL/CSA). (S5XX, S6XX Models): 12 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL/CSA). (S7XX, S8XX Models): 15 AMPS @ 125 V AC; 6AMPS @ 250 V AC (UL/CSA). See page J-31 for additional ratings. ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. CONTACT RESISTANCE: Below 10 m Ω typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 Ω min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: -30ºC to +65ºC STORAGE TEMPERATURE: -30ºC to +85ºC Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages J–28 through J–31. For additional options not shown in catalog, consult Customer Service Center. Materials HOUSING: 6/6 nylon (UL94V-2), black. TOP PLATE: 6/6 nylon (UL94V-2), black. ACTUATOR: 6/6 nylon (UL94V-2), black (standard). CONTACTS: Q contact material: Copper, silver plated. See page J-31 for additional contact materials. TERMINALS: Q contact material: Copper, silver plated. See page J-31 for additional contact materials. CONTACT SPRING: Music wire or stainless steel. TERMINAL SEAL: Epoxy. NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Switch Function S101 SPST, 6 AMPS S202 (DPDT, 6 AMPS S802 DPDT, 15 AMPS S102 SPDT, 6AMPS S112 SPDT, mom., 6 AMPS S201 DPST, 6 AMPS S602 DPDT, 12 AMPS S701 SPST, 15 AMPS S702 SPDT, 15 AMPS Mounting Style SS Panel with mounting ears MS PC thru-hole S2 Snap-in panel with blacktop plate TS Panel with mounting ears Detent 1 With detent 2 Without detent Actuator 03 .335" high 04 .500" high 09 .250" high 12 Screwdriver slot (with marking) 13 Screwdriver slot (without marking) C2 Black cap C3 Red cap C5 Yellow cap Contact Material Q Silver B Gold G Gold over silver Seal NONE No seal E Epoxy seal Housing Markings NONE No markings D ON-OFF L ON M ON-OFF N Red rectangle on one end Terminations 03 Solder lug with hole 02 PC Thru-hole 04 PC Thru-hole 07 Quick connect 08 PC Thru-hole WC Wire lead |
Número de pieza similar - S202031SSWCDQ |
|
Descripción similar - S202031SSWCDQ |