| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMF882X Datasheet(PDF) 27 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF882X Datasheet(HTML) 27 Page - OSRAM GmbH |
|
27 / 37 page ![]() Document Feedback TMF882X Using the EVM Software Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 26 3.6.2 Automation Interface Reference These commands are simple strings the remote control programs sends to the GUI via the TCP/IP connection. The GUI sends the command response back to the remote control program over the same connection (socket). Each command starts with an opening parenthesis "(". The GUI executes the command after the remote control sends a closing parenthesis ")". The first character in the command (after the opening parenthesis) is the command code. All characters after that are the command parameter (until the closing parenthesis). Command codes are case-insensitive. e.g.: (I1000) sets the "Iterations [k]" spin box in the GUI to the value 1000. Set Iterations Sets the number of ToF measurement iterations ("Iterations [k]" spin box). Figure 22: Command Overview Command Code Parameter Example I Number of iterations, 0 <= iterations <= 65535 (I1000) Set Object Detection Threshold Sets the object detection threshold ("Threshold" spin box). Figure 23: Command Overview Command Code Parameter Example T Object detection threshold, 0 <= threshold <= 255 (T128) Run Measurement Run one GUI measurement and send the results to the remote control program via the TCP/IP connection. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |