Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LSH3K Datasheet(PDF) 14 Page - Honeywell Solid State Electronics Center

No. de pieza LSH3K
Descripción Electrónicos  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSH3K Datasheet(HTML) 14 Page - Honeywell Solid State Electronics Center

Back Button LSH3K Datasheet HTML 10Page - Honeywell Solid State Electronics Center LSH3K Datasheet HTML 11Page - Honeywell Solid State Electronics Center LSH3K Datasheet HTML 12Page - Honeywell Solid State Electronics Center LSH3K Datasheet HTML 13Page - Honeywell Solid State Electronics Center LSH3K Datasheet HTML 14Page - Honeywell Solid State Electronics Center LSH3K Datasheet HTML 15Page - Honeywell Solid State Electronics Center LSH3K Datasheet HTML 16Page - Honeywell Solid State Electronics Center LSH3K Datasheet HTML 17Page - Honeywell Solid State Electronics Center LSH3K Datasheet HTML 18Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
14 sensing.honeywell.com
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Figure 2. MICRO SWITCH HDLS side rotary (single pole) di-
mensions
62,0
[2.44]
7,32
[.29]
106,7
[4.20]
74,9
[2.95]
44,5
[1.75]
16,5
[.65]
39,6
[1.56]
41,1
[1.62]
70,4
[2.77]
59,4
[2.34]
29,4
[1.16]
14,7
[.58]
19,0
[.75]
25,4
[1.00]
LSA SPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
MTG PADS
CONDUIT OPENING
LOCATION
2X 5,2 [.20] Ø MTG HOLES
2X 10-32 UNF
TAPPED FROM REAR ONLY
SPDT Plug-in (mm[in])
75,9
[2.97]
44,5
[1.75]
20,3
[0.8]
59,5
[2.34]
19,05
[.75]
39,6
[1.56]
14,7
[0.58]
29,4
[1.16]
41,1
[1.62]
70,4
[2.77]
36,6
[1.44]
MTG PADS
CONDUIT OPENING
LOCATION
LSA SPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
2X 10-32 UNF
TAPPED FROM REAR ONLY
SPDT Non-plug-in
(mm[in])
Figure 3. MICRO SWITCH HDLS side rotary (double pole)
dimensions
89,5
[3.53]
18,8
[.74]
62,0
[2.44]
45,3
[1.78]
119
[4.69]
7,32
[.29]
39,6
[1.56]
14,7
[.58]
19,0
[.75]
59,4
[2.34]
29,4
[1.16]
47,8
[1.88]
82,6
[3.53]
26,4
[1.04]
CONDUIT OPENING
LOCATION
LSA DPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH
2X 10-32 UNF
TAPPED FROM REAR ONLY
MTG PADS
119
[4.69]
21,3
[.84]
45,3
[1.78]
62,0
[2.44]
7,32
[.29]
29,4
[1.16]
47,8
[1.88]
59,4
[2.34]
19,0
[.75]
14,7
[.58]
39,6
[1.56]
38,1
[1.50]
82,6
[3.25]
89,7
[3.53]
CONDUIT OPENING
LOCATION
LSA DPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH
2X 10-32 UNF
TAPPED FROM REAR ONLY
MTG PADS
DPDT Plug-in (mm[in])
DPDT Non-plug-in
(mm[in])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com