Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LSL2C Datasheet(PDF) 28 Page - Honeywell Solid State Electronics Center

No. de pieza LSL2C
Descripción Electrónicos  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSL2C Datasheet(HTML) 28 Page - Honeywell Solid State Electronics Center

Back Button LSL2C Datasheet HTML 24Page - Honeywell Solid State Electronics Center LSL2C Datasheet HTML 25Page - Honeywell Solid State Electronics Center LSL2C Datasheet HTML 26Page - Honeywell Solid State Electronics Center LSL2C Datasheet HTML 27Page - Honeywell Solid State Electronics Center LSL2C Datasheet HTML 28Page - Honeywell Solid State Electronics Center LSL2C Datasheet HTML 29Page - Honeywell Solid State Electronics Center LSL2C Datasheet HTML 30Page - Honeywell Solid State Electronics Center LSL2C Datasheet HTML 31Page - Honeywell Solid State Electronics Center LSL2C Datasheet HTML 32Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
28 sensing.honeywell.com
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Figure 22. MICRO SWITCH HDLS LSG Series maintained
contact side plunger (single pole) dimensions
16,5
[.65]
25,4
[1.00]
39,1
[1.54]
44,5
[1.75]
74,9
[2.95]
21,6
[0.85]
Ø 9,47
[.38]
76,2
[3.00]
37,5
[1.48]
OPERATING POINT
14,7
[.58]
19,0
[.75]
59,4
[2.34]
70,4
[2.77]
29,4
[1.16]
41,1
[1.62]
2X Ø 25,4
[1.00]
20,3
[.80]
CONDUIT OPENING
LOCATION
LSG SPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
2X 10-32 UNF
TAPPED FROM REAR ONLY
MTG PADS
29,4
[1.16]
41,1
[1.62]
70,4
[2.77]
59,4
[2.34]
20,3
[.80]
36,6
[1.44]
39,0
[1.54]
44,4
[1.75]
75,8
[2.98]
21,6
[0.85]
19,0
[.75]
14,7
[1.56]
37,5
[1.48]
OPERATING POINT
76,2
[3.00]
Ø 9,7
[.38]
101,7
[4.0]
20,3
[.80]
25,4
[1.00]
CONDUIT OPENING
LOCATION
LSG SPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
21,6
[.85]
2X Ø 9,7
[.38]
76,2
[3.00]
14,7
[1.56]
37,5
[1.48]
OPERATING POINT
19,0
[.75]
59,4
[2.34]
29,4
[1.16]
47,8
[1.88]
82,6
[3.25]
18,8
[.74]
26,4
[1.04]
45,3
[1.78]
89,7
[3.53]
119,1
[4.69]
20,32
[.80]
38,1
[1.50]
2X n 25,4
[1.00]
CONDUIT OPENING
LOCATION
LSG DPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH
MTG PADS
37,5
[1.48]
OPERATING POINT
14,7
[.58]
76,2
[3.00]
19,0
[.75]
2X Ø 9,7
[.38]
59,4
[2.34]
82,6
[3.25]
29,4
[1.16]
47,8
[1.88]
21,3
[.84]
38,1
[1.50]
45,3
[1.78]
89,7
[3.53]
119,1
[4.69]
21,6
[.85]
20,3
[.80]
2X Ø 25,4
[1.00]
CONDUIT OPENING
LOCATION
LSG DPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH
SPDT Plug-in (mm[in])
SPDT Non-plug-in (mm[in])
DPDT Plug-in (mm[in])
DPDT Non-plug-in (mm[in])
Figure 23. MICRO SWITCH HDLS LSG Series maintained
contact side plunger (double pole) dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com