Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TFCFF5VT1040C Datasheet(PDF) 6 Page - ITT Industries

No. de pieza TFCFF5VT1040C
Descripción Electrónicos  Miniature Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

TFCFF5VT1040C Datasheet(HTML) 6 Page - ITT Industries

  TFCFF5VT1040C Datasheet HTML 1Page - ITT Industries TFCFF5VT1040C Datasheet HTML 2Page - ITT Industries TFCFF5VT1040C Datasheet HTML 3Page - ITT Industries TFCFF5VT1040C Datasheet HTML 4Page - ITT Industries TFCFF5VT1040C Datasheet HTML 5Page - ITT Industries TFCFF5VT1040C Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
C&K TF Series
Miniature Snap-acting Switches
TERMINATIONS
40
.187" QUICK CONNECT
5B
OFFSET .187" QUICK CONNECT
5A
OFFSET .250" QUICK CONNECT
4A
.250" QUICK CONNECT
CIRCUITRY
C
SPDT (Single Pole, Double Throw)
W SPST N.C. (Single Pole, Single Throw, Normally Closed)
Y
SPST N.O. (Single Pole, Single Throw, Normally Open)
K
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
K–10



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com