| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM358BAIDDFR Datasheet(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM358BAIDDFR Datasheet(HTML) 33 Page - Texas Instruments |
|
33 / 62 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 20-Jun-2023 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-87710012A ACTIVE LCCC FK 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 5962- 87710012A LM158FKB Samples 5962-8771001PA ACTIVE CDIP JG 8 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 8771001PA LM158 Samples 5962-87710022A ACTIVE LCCC FK 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 5962- 87710022A LM158AFKB Samples 5962-8771002PA ACTIVE CDIP JG 8 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 8771002PA LM158A Samples LM158 MW8 ACTIVE WAFERSALE YS 0 1 RoHS & Green Call TI Level-1-NA-UNLIM -55 to 125 Samples LM158AFKB ACTIVE LCCC FK 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 5962- 87710022A LM158AFKB Samples LM158AJG ACTIVE CDIP JG 8 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 LM158AJG Samples LM158AJGB ACTIVE CDIP JG 8 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 8771002PA LM158A Samples LM158FKB ACTIVE LCCC FK 20 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 5962- 87710012A LM158FKB Samples LM158JG ACTIVE CDIP JG 8 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 LM158JG Samples LM158JGB ACTIVE CDIP JG 8 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 8771001PA LM158 Samples LM258ADGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM -25 to 85 (M3L, M3P, M3S, M3 U) Samples LM258ADR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -25 to 85 LM258A Samples LM258ADRE4 ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM258A Samples LM258ADRG4 ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM258A Samples LM258AP ACTIVE PDIP P 8 50 RoHS & Green NIPDAU | SN N / A for Pkg Type -25 to 85 LM258AP Samples Addendum-Page 1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |