Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

4715MS Datasheet(PDF) 2 Page - NMB Technologies Corporation

No. de pieza 4715MS
Descripción Electrónicos  blower and fan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NMB [NMB Technologies Corporation]
Página de inicio  https://nmbtc.com/
Logo NMB - NMB Technologies Corporation

4715MS Datasheet(HTML) 2 Page - NMB Technologies Corporation

  4715MS Datasheet HTML 1Page - NMB Technologies Corporation 4715MS Datasheet HTML 2Page - NMB Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EMINEBEA.COM
Rotation: Counterclockwise
Airflow Outlet: Air Out Over Struts
*1: Maximum Values in Free Air
*2: Average Values in Free Air
Rated
Frequency
Starting
Current
Input
Speed
Max.
Max. Static
Noise
Mass
MODEL
Voltage
Voltage
Power
Air Flow
Pressure
(V)
(Hz)
(V)
(A)*1
(W)+10%
(min-1)*2
CFM*2 (m3/min)*2
in H2O
(Pa)*2
(dB)*2
(g)
-20%
4715MS-10T-B50-B00
100
50
65
0.270
15.0
2600
88.25
2.50
.259
64.6
37.0
550
100
60
65
0.230
14.0
2900
102.0
2.90
.306
76.4
41.0
550
4715MS-12T-B50-A00
115
50
65
0.250
15.5
2600
88.2
2.50
.259
64.6
37.0
550
115
60
65
0.210
14.5
2900
102.0
2.90
.306
76.4
41.0
550
4715MS-20T-B50-B00
200
50
130
0.140
15.0
2600
88.25
2.50
.259
64.6
37.0
550
200
60
130
0.120
13.0
2900
102.0
2.90
.306
76.4
41.0
550
4715MS-22T-B50-B00
220
50
145
0.120
14.0
2600
88.25
2.50
.255
63.7
37.0
550
220
60
145
0.100
13.0
2900
102.0
2.90
.302
75.4
41.0
550
4715MS-23T-B50-A00
230
50
175
0.120
15.0
2600
88.2
2.50
.255
63.7
37.0
550
230
60
175
0.100
14.0
2900
102.0
2.90
.283
70.5
41.0
550
4715MS-24T-B50-A00
240
50
140
0.110
14.0
2600
88.25
2.50
.255
63.7
37.0
550
240
60
140
0.100
13.0
2900
102.0
2.90
.363
65.6
41.0
550
4715MS-10T-B40-B00
100
50
65
0.250
15.0
2450
85.0
2.40
.204
50.9
35.0
550
100
60
65
0.2
20
13.0
2750
95.0
2.70
.251
62.7
39.0
550
4715MS-12T-B40-A00
115
50
75
0.220
15.0
2450
85.0
2.40
.204
50.9
35.0
550
115
60
75
0.190
13.0
2750
95.0
2.70
.259
64.6
39.0
550
4715MS-20T-B40-B00
200
50
130
0.130
15.0
2450
85.0
2.40
.204
50.9
35.0
550
200
60
160
0.110
13.0
2750
95.0
2.70
.255
63.7
39.0
550
4715MS-22T-B40-B00
220
50
145
0.110
14.0
2450
85.0
2.40
.216
53.9
35.0
550
220
60
145
0.100
12.0
2750
95.0
2.70
.255
63.7
39.0
550
4715MS-23T-B40-A00
230
50
175
0.120
15.0
2450
85.0
2.40
.216
53.9
35.0
550
230
60
175
0.100
13.0
2750
95.0
2.70
.255
63.7
39.0
550
4715MS-24T-B40-A00
240
50
140
0.100
13.0
2450
85.0
2.40
.204
50.9
35.0
550
240
60
140
0.080
12.0
2750
95.0
2.70
.236
58.8
39.0
550
4715MS-10T-B30-B00
100
50
65
0.190
11.0
2400
81.0
2.30
.200
49.9
34.0
550
100
60
65
0.170
10.0
2600
88.2
2.50
.204
50.9
37.0
550
4715MS-12T-B30-A00
115
50
75
0.160
11.0
2400
81.0
2.30
.200
49.9
34.0
550
115
60
75
0.140
10.0
2600
88.2
2.50
.200
49.9
37.0
550
4715MS-20T-B30-B00
200
50
130
0.090
10.0
2400
81.0
2.30
.193
48.0
34.0
550
200
60
130
0.080
10.0
2600
88.2
2.50
.185
46.0
37.0
550
4715MS-22T-B30-B00
220
50
145
0.090
11.0
2400
81.0
2.30
.197
49.0
34.0
550
220
60
145
0.080
10.0
2600
88.2
2.50
.189
47.0
37.0
550
4715MS-23T-B30-A00
230
50
175
0.100
12.0
2400
81.0
2.30
.197
49.0
34.0
550
230
60
175
0.080
11.0
2600
88.2
2.50
.208
51.9
37.0
550
4715MS-24T-B30-A00
240
50
140
0.090
12.0
2400
81.0
2.30
.197
49.0
34.0
550
240
60
140
0.080
11.0
2600
88.2
2.50
.204
50.9
37.0
550
4715MS-10T-B20-B00
100
50
65
0.130
8.0
2100
76.5
2.00
.141
35.2
32.0
550
100
60
65
0.120
8.0
1950
67.0
1.90
.098
24.5
30.0
550
4715MS-12T-B20-A00
115
50
75
0.100
7.0
2100
70.6
2.00
.141
35.2
32.0
550
115
60
75
0.100
7.0
1950
67.0
1.90
.098
24.5
30.0
550
4715MS-20T-B20-B00
200
50
130
0.060
7.0
2100
70.6
2.00
.129
32.3
32.0
550
200
60
130
0.060
7.0
1950
67.0
1.90
.082
20.5
30.0
550
4715MS-22T-B20-B00
220
50
145
0.060
7.0
2100
70.6
2.00
.125
31.3
32.0
550
220
60
145
0.060
7.0
1900
67.0
1.90
.078
19.6
30.0
550
4715MS-23T-B20-A00
230
50
175
0.060
7.5
2100
70.6
2.00
.141
35.2
32.0
550
230
60
175
0.060
7.5
1900
67.0
1.90
.086
21.5
30.0
550
4715MS-24T-B20-A00
240
50
175
0.060
8.0
2100
70.6
2.00
.153
38.2
32.0
550
240
60
175
0.060
8.0
1900
67.0
1.90
.098
24.5
30.0
550
4715MS-10T-B10-B00
100
50
65
0.110
7.0
1350
45.9
1.30
.066
16.6
27.0
550
100
60
65
0.110
6.5
1450
49.4
1.40
.066
16.6
28.0
550
4715MS-12T-B10-A00
115
50
75
0.090
6.0
1350
45.9
1.30
.062
15.6
27.0
550
115
60
75
0.080
5.5
1450
49.4
1.40
.066
16.6
28.0
550
4715MS-20T-B10-B00
200
50
130
0.055
6.0
1350
45.9
1.30
.059
14.7
27.0
550
200
60
130
0.050
5.0
1450
49.4
1.40
.059
14.7
28.0
550
4715MS-22T-B10-B00
220
50
145
0.050
6.0
1350
45.9
1.30
.059
14.7
27.0
550
220
60
145
0.040
5.5
1450
49.4
1.40
.059
14.7
28.0
550
4715MS-23T-B10-A00
230
50
175
0.050
6.5
1350
45.9
1.30
.059
14.7
27.0
550
230
60
175
0.045
6.0
1450
49.4
1.40
.059
14.7
28.0
550
4715MS-24T-B10-A00
240
50
175
0.050
6.5
1350
45.9
1.30
.062
15.6
27.0
550
240
60
175
0.045
6.0
1450
49.4
1.40
.066
16.6
28.0
550
4715MS (119 X 38L)
4715MS (119 X 38L)



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com