Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MEB2-64PL Datasheet(PDF) 3 Page - ITT Industries

No. de pieza MEB2-64PL
Descripción Electrónicos  Micro Edgeboard - .050 Contact Spacing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

MEB2-64PL Datasheet(HTML) 3 Page - ITT Industries

  MEB2-64PL Datasheet HTML 1Page - ITT Industries MEB2-64PL Datasheet HTML 2Page - ITT Industries MEB2-64PL Datasheet HTML 3Page - ITT Industries MEB2-64PL Datasheet HTML 4Page - ITT Industries MEB2-64PL Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
56
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Micro Edgeboard - .050" Contact Spacing
MEB
Plug (Mother Board)
MEB1-184P
B2
B1
A1
A2
.050 (1.27) TYP
RETAINING PIN HOLES
G
F
TYP
E
H
#25 AWG
(MEB1-184P)
or
.075 (1.91)
.075 (1.91) TYP.
Part No.
184P
1.0 (28.35)
2.775 (70.49)
.343 (8.71)
5.800 (147.32)
.250 (6.35)
.400 (10.16)
.280 (7.11)
.350 (8.89)
.275 (6.99)
Weight
oz. (gm.) Max.
A
+
_.015 (0.38)
B
+
_.010 (0.25)
C
+
_.005 (0.13)
D
+
_.010 (0.25)
E
+
_.010 (0.25)
F
+
_.010 (0.25)
G
+
_.025 (0.64)
H
+
_.025 (0.64)
.075
(1.91)
A
CC
A1
B1
B
D
.0945 +_ .0035
(2.40 +_ 0.09)
3 PLACES
Receptacle (Daughter Board)
F H
G
#24 AWG
RETAINING PIN HOLES
.075
(1.91)
.050 (1.27) TYP.
A
C
C
C
B1
A1
B
.250
(6.35)
.180 ± .005
(4.57 ± 0.13)
J
D
E
.0945 ± .0035 (2.40 ± .09) DIA.
THRU .187 (4.75) X .075 (1.91) DEEP "C" BORE
3 PLACES-A SIDE ONLY.
.187 (4.75) DIA. 3 PLACES-B SIDE ONLY
Part No.
184S
184SBR
1.0 (28.35)
1.0 (28.35)
*Will accept up to .093 (2.36) thick P.C. Board with shell modifications.
All round pigtail #25 AWG wire termination designs available for the MEB1-12B receptacle will apply on the MEB1-184 series also.
5.800 (147.32)
.343 (8.71)
2.775 (70.49)
.400 (10.16)
.300 (7.62) .280 (7.11)
.030 (0.76)
.200 (5.08)
.250 (6.35)
Weight
oz. (gm.) Max.
A
±.015 (0.38)
B
±.010 (0.25)
C
±.005 (0.13)
D
±.010 (0.25)
E
±.010 (0.25)
F
Max.
G
Max.
H
±.020 (0.51)
J
±.010 (0.25)
MEB1-184S



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com