Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PP962 Datasheet(PDF) 16 Page - Pico Technology Ltd.

No. de pieza PP962
Descripción Electrónicos  PC oscilloscopes and MSOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PICO [Pico Technology Ltd.]
Página de inicio  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PP962 Datasheet(HTML) 16 Page - Pico Technology Ltd.

Back Button PP962 Datasheet HTML 12Page - Pico Technology Ltd. PP962 Datasheet HTML 13Page - Pico Technology Ltd. PP962 Datasheet HTML 14Page - Pico Technology Ltd. PP962 Datasheet HTML 15Page - Pico Technology Ltd. PP962 Datasheet HTML 16Page - Pico Technology Ltd. PP962 Datasheet HTML 17Page - Pico Technology Ltd. PP962 Datasheet HTML 18Page - Pico Technology Ltd. PP962 Datasheet HTML 19Page - Pico Technology Ltd. PP962 Datasheet HTML 20Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
PicoScope 3000 Series
Mask limit testing
Mask limit testing allows you to compare
live signals against known good signals, and
is designed for production and debugging
environments. Simply capture a known good
signal, generate a mask around it and then
measure the system under test. PicoScope will
check for mask violations and perform pass/
fail testing, capture intermittent glitches, and can
show a failure count and other statistics in the
Measurements window.
Waveform buffer and navigator
Ever spotted a glitch on a waveform, but
by the time you’ve stopped the scope
it’s gone? With PicoScope you don’t
need to worry about missing glitches or
other transient events, as it can store the
last 10 000 oscilloscope or spectrum
waveforms in its circular waveform buffer.
The buffer navigator provides an efficient way of navigating and searching through waveforms,
effectively letting you turn back time. When running a mask limit test, you can also set the
navigator to show only mask fails, enabling you to find any glitches quickly.
Alarms
You can program the PicoScope software to
execute actions when certain events occur.
The events that can trigger an alarm include
mask limit fails, trigger events and buffers
full, and possible actions include saving a file,
playing a sound, executing a program and
triggering the arbitrary waveform generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28