Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PP960 Datasheet(PDF) 28 Page - Pico Technology Ltd.

No. de pieza PP960
Descripción Electrónicos  PC oscilloscopes and MSOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PICO [Pico Technology Ltd.]
Página de inicio  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PP960 Datasheet(HTML) 28 Page - Pico Technology Ltd.

Back Button PP960 Datasheet HTML 20Page - Pico Technology Ltd. PP960 Datasheet HTML 21Page - Pico Technology Ltd. PP960 Datasheet HTML 22Page - Pico Technology Ltd. PP960 Datasheet HTML 23Page - Pico Technology Ltd. PP960 Datasheet HTML 24Page - Pico Technology Ltd. PP960 Datasheet HTML 25Page - Pico Technology Ltd. PP960 Datasheet HTML 26Page - Pico Technology Ltd. PP960 Datasheet HTML 27Page - Pico Technology Ltd. PP960 Datasheet HTML 28Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
www.picotech.com
@picotechnologyltd
Pico Technology
Pico Technology
@LifeAtPico
@picotech
United Kingdom global headquarters:
Pico Technology
James House
Colmworth Business Park
St. Neots
Cambridgeshire
PE19 8YP
United Kingdom
+44 (0) 1480 396 395
sales@picotech.com
North America regional office:
Pico Technology
320 N Glenwood Blvd
Tyler
TX 75702
United States
+1 800 591 2796
sales@picotech.com
Asia-Pacific regional office:
Pico Technology
Room 2252, 22/F, Centro
568 Hengfeng Road
Zhabei District
Shanghai 200070
PR China
+86 21 2226-5152
pico.asia-pacific@picotech.com
TC-08 Thermocouple Data Logger
8-channel temperature data logger.
Accepts all popular thermocouples to
record temperatures from −270 °C to
+1820 °C
Up to 10 measurements per second at
20-bit resolution. Optional terminal board
for voltage and current measurement.
Errors and omissions excepted. Pico Technology, PicoScope, PicoLog and PicoSDK are internationally registered trademarks of Pico Technology Ltd.
GitHub is an exclusive trademark registered in the U.S. by GitHub, Inc. LabVIEW is a trademark of National Instruments Corporation. Linux is the
registered trademark of Linus Torvalds, registered in the U.S. and other countries. macOS is a trademark of Apple Inc., registered in the U.S. and
other countries. MATLAB is a registered trademark of The MathWorks, Inc. Windows is a registered trademark of Microsoft Corporation in the
United States and other countries.
MM054.en.dis-18. Copyright © 2013–2021 Pico Technology Ltd. All rights reserved.
More products in the Pico Technology range...
PicoScope 5000 Series
Why compromise between fast sampling
and high resolution? PicoScope 5000
Series FlexRes® scopes let you choose the
resolution, from 8 to 16 bits.
Up to 200 MHz bandwidth and 512 MS
capture memory, with mixed-signal
models available.
PicoLog CM3 Current Data Logger
3-channel data logger using industry-
standard AC current clamps.
Ideal for measuring the current
consumption of buildings and machinery.
USB and Ethernet interfaces for local or
remote data logging.
PicoScope 9400 Series SXRTOs
4-channel, 12-bit, 5 and 16 GHz sampler-
extended real-time oscilloscopes. Capture
pulse and step transitions down to 22 ps
and clocks and data eyes to 8 Gb/s.
Comprehensive RF, microwave and
gigabit visualization and measurement
in a compact, portable and affordable
instrument.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com