| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TA470 Datasheet(PDF) 8 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
TA470 Datasheet(HTML) 8 Page - Pico Technology Ltd. |
|
8 / 39 page ![]() PicoScope® 6000E Series PicoScope 6 software - mixed-signal (MSO) operation The PicoScope 6000E Series adds up to 16 digital channels to the existing analog channels with the optional 8-channel TA369 MSO pods, enabling you to accurately time-correlate analog and digital channels. Digital channels may be grouped and displayed as a bus, with each bus value displayed in hex, binary or decimal or as a level (for DAC testing). You can set advanced triggers across both the analog and digital channels. The digital inputs also bring extra power to the serial decoding options. You can decode serial data on all analog and digital channels simultaneously, giving you up to 24 channels of data – for example decoding multiple SPI, I²C, CAN bus, LIN bus and FlexRay signals all at the same time. Serial decoding: Hover over packet data to view summary. Analog waveforms: View analog waveforms time-correlated with digital inputs. Oscilloscope controls: PicoScope’s full analog-domain controls, including zoom, filtering, and function generator, are all available in MSO digital signal mode. Display format: Display selected bits individually or as groups in binary, hex or decimal format. Split-screen display: PicoScope can display both analog and digital signals at the same time. The split- screen display can be adjusted to give more or less space to the analog waveforms. Show by level: Group bits into fields and then display as an analog level. Rename: The digital channels and groups can be renamed. You can expand or collapse groups in the digital view. Digital channels button: Set up and display digital inputs. View analog and digital signals on the same timebase. Advanced triggers: Additional Digital and Logic trigger options are available for digital channels. Rulers: Drawn across both analog and digital panes so signal timings can be compared. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |