| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MJSV-10PL2 Datasheet(PDF) 5 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
MJSV-10PL2 Datasheet(HTML) 5 Page - ITT Industries |
|
5 / 5 page ![]() 43 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Micro Center Jackscrew MJS Plug (Molded-In Insert - Special) MJSV**P MJSV-26P** (Shown) Part Number MJSV-26P** MJSV-38P** .868 (22.05) 1.168 (29.67) A Ref. .100 (2.54) INSERT #1-64 UNC-2B INSULATOR A MAX. ENGAGING FACE .300 (7.62) MAX. .061 (1.55) MAX. .109 (2.77) MAX. DIA. LEAD LENGTH MICRO-PIN CONTACT .162 (4.11) REF. CAVITY # 1 Receptacle (Special) MJSV-26S** (Shown) Part Number MJSV-26S** MJSV-38S** .943 (23.95) 1.243 (31.57) .874 (22.20) 1.174 (29.82) A Max. B Ref. .167 (4.24) REF. .100 (2.54) REF. B .253 (6.43) MAX. .320 (8.13) MAX. .155 (3.94) MAX. A MAX. #1-64 UNC-2A MICRO-SOCKET .190 (4.83) REF. LEAD LENGTH JACKSCREW MJSV**S* CAVITY # 1 Contact Arrangements + + .075 (1.91) .050 (1.27) .100 (2.54) 14 26 Identification numbers are for reference and do not appear on connectors. .050 (1.27) TYP. 26 Contacts .050 (1.27) TYP. .075 (1.91) .100 (2.54) REF. 20 38 21 1 1 38 Contacts 15 Face view of pin - use reverse order for socket |