| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MJSV-10SL2 Datasheet(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
MJSV-10SL2 Datasheet(HTML) 2 Page - ITT Industries |
|
2 / 5 page ![]() Micro Center Jackscrew MJS Unshrouded Receptacle (10-26-51-66) 40 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change MJSB/MJSU Rear View UNSHROUDED STANDARD MATERIALS AND FINISHES Micropin Microsocket Insulator Copper alloy, 50 miro-inch gold Copper alloy, 50 micro-inch gold Stainless steel, passivated & lubricated Stainless steel, passivated Stainless steel, passivated Stainless steel, passivated Diallyl phthalate, green color or polyetherimide, natural color Jackscrew Retainer, Jackscrew Insert, Threaded Post, Polarizing .145 (3.68) DIA. MAX. A .055 (1.40) TYP. C B .050 (1.27) TYP. Part Number MJSB or MJSU-10P MJSB or MJSU-10S MJSB or MJSU-26P MJSB or MJSU-26S MJSB or MJSU-51P MJSB or MJSU-51S MJSB or MJSU-66P MJSB or MJSU-66S .378 (9.60) .378 (9.60) .778 (19.76) .778 (19.76) 1.028 (26.11) 1.028 (26.11) 1.280 (32.51) 1.280 (32.51) .190 (4.83) .190 (4.83) .190 (4.83) .190 (4.83) .260 (6.60) .260 (6.60) .260 (6.60) .260 (6.60) .290 (7.37) .290 (7.37) .690 (17.53) .690 (17.53) .940 (23.88) .940 (23.88) 1.190 (30.23) 1.190 (30.23) A Max. B Max. C Bsc. .126 ± .005 (3.20 ± 0.13) .170 ± .010 (4.32 ± 0.25) 1-64 UNC-2A THREAD .170 (4.32) MAX. .110 MAX. (2.79) 1-64 UNC-2B THREAD .332 (8.43) MAX. POLARIZING PIN (OPTIONAL WITH LOSS OF CONTACT) Receptacle Plug Shrouded Receptacle (16-28*-34) MJSV/MJSR A A .285 (7.24) MAX. C C .080 (2.03) .065 (1.65) .285 (7.24) MAX. B B D 1-64 UNC-2B THREAD 1-64 UNC-2A THREAD .205 (5.21) MAX. .090 ± .010 (2.29 ± 0.25) .110 (2.79) MAX. .145 (3.68) DIA. MAX. Face View Face View Receptacle Plug SHROUDED STANDARD MATERIALS AND FINISHES Micropin Microsocket Insulator Copper alloy, 50 miro-inch gold Copper alloy, 50 micro-inch gold Part Number MJSV or MJSR-16P MJSV or MJSR-16S MJSV-28P* or MJSR-28P* MJSV-28S* or MJSR-28S* MJSV-34P or MJSR-34P MJSV-34S or MJSR-34S .700 (17.78) .700 (17.78) 1.020 (25.91) 1.020 (25.91) 1.180 (29.97) 1.180 (29.97) *Low profile configuration, for "L" (uninsulated solid wire) termination add .090 (2.29) to the "B" dimension. For "H" (insulated wire) termination add .200 (5.08) to the "B" dimension. For special configurations with backpotted standoffs consult factory. .345 (8.76) .320 (8.13) .232 (5.89) .246 (6.25) .330 (8.38) .305 (7.75) .545 (13.84) .545 (13.84) .865 (21.97) .865 (21.97) 1.025 (26.04) 1.025 (26.04) .175 (4.45) - .062 (1.57) - .160 (4.06) - A Max. B Max. C Ref. D ± .006 (0.15) Stainless steel, passivated Stainless steel, passivated Stainless steel, passivated Stainless steel, passivated Polyester, black color Polyphenylene sulfide, black color Jackscrew Retainer, Jackscrew Insert, Threaded Post, Polarizing |