Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FE3F Datasheet(PDF) 1 Page - Diotec Semiconductor

No. de pieza FE3F
Descripción Electrónicos  Super Fast Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOTEC [Diotec Semiconductor]
Página de inicio  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FE3F Datasheet(HTML) 1 Page - Diotec Semiconductor

  FE3F Datasheet HTML 1Page - Diotec Semiconductor FE3F Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ø 4.5
±0.1
Ø 1.2
±0.05
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
1
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
96
01.01.99
Diotec
FE 3A … FE 3H
Super Fast Silicon Rectifiers
Superschnelle Silizium Gleichrichter
Nominal current – Nennstrom
3 A
Repetitive peak reverse voltage
50…400 V
Periodische Spitzensperrspannung
Plastic case
~ DO-201
Kunststoffgehäuse
Weight approx. – Gewicht ca.
1.0 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
see page 17
Dimensions / Maße in mm
Standard Lieferform gegurtet in Ammo-Pack
siehe Seite 17
Maximum ratings
Grenzwerte
Type
Repetitive peak reverse voltage
Surge peak reverse voltage
Typ
Periodische Spitzensperrspannung
Stoßspitzensperrspannung
V
[V]
V
[V]
RRM
RSM
FE 3A
50
50
FE 3B
100
100
FE 3C
150
150
FE 3D
200
200
FE 3E
250
250
FE 3F
300
300
FE 3G
350
350
FE 3H
400
400
Max. average forward rectified current, R-load
T = 50°C
I
3 A )
A
FAV
1
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
30 A )
FRM
1
Periodischer Spitzenstrom
Rating for fusing, t < 10 ms
T = 25°C
i t
78 A s
A
2
2
Grenzlastintegral, t < 10 ms
Peak forward surge current, single half sine-wave
T = 25°C
I
30 A
A
FSM
Stoßstrom für eine 50 Hz Sinus-Halbwelle


Número de pieza similar - FE3F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
FE3F DIOTEC-FE3F Datasheet
153Kb / 2P
Super Fast Silicon Rectifiers
FE3F DIOTEC-FE3F Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
FE3F DIOTEC-FE3F Datasheet
91Kb / 2P
Superfast Switching Silicon Rectifier Diodes
More results

Descripción similar - FE3F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
FE3A DIOTEC-FE3A Datasheet
153Kb / 2P
Super Fast Silicon Rectifiers
FE6A DIOTEC-FE6A Datasheet
151Kb / 2P
Super Fast Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SF32 YFWDIODE-SF32_V01 Datasheet
564Kb / 3P
Super Fast Silicon Rectifiers
SF52 YFWDIODE-SF52_V01 Datasheet
566Kb / 3P
Super Fast Silicon Rectifiers
SF52G YFWDIODE-SF52G Datasheet
567Kb / 3P
Super Fast Silicon Rectifiers
SF62 YFWDIODE-SF62_V01 Datasheet
434Kb / 3P
Super Fast Silicon Rectifiers
SF62G YFWDIODE-SF62G Datasheet
427Kb / 3P
Super Fast Silicon Rectifiers
SR84E YFWDIODE-SR84E_V01 Datasheet
437Kb / 3P
Super Fast Silicon Rectifiers
SRA4E YFWDIODE-SRA4E_V01 Datasheet
436Kb / 3P
Super Fast Silicon Rectifiers
SF52G YFWDIODE-SF52G_V01 Datasheet
361Kb / 3P
Super Fast Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com