Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PS2913-1 Datasheet(PDF) 6 Page - Renesas Technology Corp

No. de pieza PS2913-1
Descripción Electrónicos  SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2913-1 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS2913-1 Datasheet HTML 2Page - Renesas Technology Corp PS2913-1 Datasheet HTML 3Page - Renesas Technology Corp PS2913-1 Datasheet HTML 4Page - Renesas Technology Corp PS2913-1 Datasheet HTML 5Page - Renesas Technology Corp PS2913-1 Datasheet HTML 6Page - Renesas Technology Corp PS2913-1 Datasheet HTML 7Page - Renesas Technology Corp PS2913-1 Datasheet HTML 8Page - Renesas Technology Corp PS2913-1 Datasheet HTML 9Page - Renesas Technology Corp PS2913-1 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PS2913-1e
R08DS0113EJ0202 Rev.2.02
Page 6 of 13
Dec 6, 2021
Remark The graphs indicate nominal characteristics.
FREQUENCYRESPONSE
Frequency f (kHz)
Forward Current IF (mA)
CURRENTTRANSFERRATIOvs.
FORWARD CURRENT
Normalized to 1.0
at TA = 25°C,
IF = 1 mA,VCE= 5V
Ambient Temperature TA (°C)
NORMALIZED CURRENTTRANSFER
RATIOvs. AMBIENTTEMPERATURE
Load Resistance RL (Ω)
SWITCHINGTIMEvs.
LOAD RESISTANCE
1.2
1.4
–50
1.0
0.8
0.6
0.4
0.2
0.0
–25
0
25
50
75
100
0.1
1
10
100
0
100
150
200
250
300
1
10
100
1 000
10 000
VCE= 5V,
n = 3
1k
10k
100 k
1 000 k
Sample A
B
C
1.2
0.4
0.0
0.8
0.6
0.2
1.0
RL = 1 kΩ
510 Ω
300 Ω
100 Ω
500
1
10
0.5
50 100
5
50
IF= 1mA,
VCC= 5V,
CTR= 120%
ts
ton
toff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com