Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BCC0LWU Datasheet(PDF) 2 Page - Balluff Korea Ltd.

No. de pieza BCC0LWU
Descripción Electrónicos  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BALLUFF [Balluff Korea Ltd.]
Página de inicio  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0LWU Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCC0LWU Datasheet HTML 1Page - Balluff Korea Ltd. BCC0LWU Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Ended Cordsets
BCC S415-S414-3A-305-VS8434-010
Order Code: BCC0LWU
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 281875
ETIM 6.0: EC001855
BCC0LWU_0.38_2022-07-15
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 2517
Silicone-free
Flame resistance acc. to FT1
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.
Connector Drawings
II
PIN 1: brown
PIN 2: white
PIN 3: blue
PIN 4: black
I
PIN 1: brown
PIN 2: white
PIN 3: blue
PIN 4: black
PIN 5: n.c.
Wiring Diagrams
1) Shield on cover nut



Html Pages

1 2