| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BCC0MAA Datasheet(PDF) 2 Page - Balluff Korea Ltd. |
|
|
|||||||||||||||||||||||||||||
BCC0MAA Datasheet(HTML) 2 Page - Balluff Korea Ltd. |
|
2 / 2 page ![]() Double-Ended Cordsets BCC M415-M414-3A-304-PX0434-400 Order Code: BCC0MAA Internet www.balluff.com eCl@ss 9.1: 27-06-03-11 Subject to change without notice: 285438 ETIM 6.0: EC001855 BCC0MAA_0.24_2022-07-15 2 / 2 Remarks Cable construction acc. to UL-AWM Style 20549 Halogen-free per DIN VDE 0472 Part 815 Silicone-free Flame-retarding acc. to IEC 60332-2 Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece. Connector Drawings II PIN 1: brown PIN 2: white PIN 3: blue PIN 4: black I PIN 1: brown PIN 2: white PIN 3: blue PIN 4: black PIN 5: n.c. Wiring Diagrams |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |