Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DST9 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

No. de pieza DST9
Descripción Electrónicos  On-Board Type (DC) EMI Suppression Filters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DST9 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DST9 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DST9 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DST9 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
123
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
On-Board Type (DC) EMI Suppression Filters (EMIFILr)
Disc Type EMIFILr Broad Type DSN9/DSS9/DST9 Series
s Features
DS_9 is a basic type EMI suppression filter which can
obtain high insertion loss in a wide frequency range.
Its three terminal structure enables nice high
frequency performance. DSS9NP32A222/DSS9NT31H223 are
lost distortion types for audio circuits.
(in mm)
4.0 max.
9.5 max.
1.0
±0.5
5.0
±0.5
2.5
±0.5
ø0.65
I
Q55 Type : 25.0 min.
Q56 Type : 6.0
±1.0
Q54 Type : 4.0
±0.5
GND
DSN9N_Q55B
(in mm)
7.5 max.
12.0 max.
GND
I
Q55 Type : 25.0 min.
Q56 Type : 6.0
±1.0
Q54 Type : 4.0
±0.5
2.5
±0.5
5.0
±0.5
2.5
±0.5
ø0.65
Ferrite bead
*1 Bottom of the ferrite beads may not be level with each other.
*1
DSS9N_Q55B
(in mm)
4.0 max.
9.5 max.
GND
Q55 Type : I = 25.0 min.
Q52 Type : I1 = 6.0
±1.0
Q50 Type : I1 = 4.0
±0.5
1.25
±0.5
5.0
±0.5
2.5
±0.5
ø0.65
Ferrite bead
DST9N_Q55B
DSN9 Series
Part Number
Capacitance
(pF)
Rated Voltage
(Vdc)
Rated Current
(A)
Operating Temperature Range
(
°C)
DSN9NC52A271
270 +20%,-20%
100
7
-25 to +85
DSN9NC52A222
2200 +20%,-20%
100
7
-25 to +85
DSN9NC51H223
22000 +50%,-20%
50
7
-25 to +85
DSN9NC51C104
100000 +20%,-20%
16
7
-25 to +85
s Equivalent Circuit
GND
No polarity.
s Insertion Loss Characteristics (Typical)
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
Frequency (MHz)
270pF
2200pF
22000pF
100000pF
(50
Ω - 50Ω)
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E11.pdf 04.3.8



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com