Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ISP1504CBS Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza ISP1504CBS
Descripción Electrónicos  ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1504CBS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button ISP1504CBS Datasheet HTML 5Page - NXP Semiconductors ISP1504CBS Datasheet HTML 6Page - NXP Semiconductors ISP1504CBS Datasheet HTML 7Page - NXP Semiconductors ISP1504CBS Datasheet HTML 8Page - NXP Semiconductors ISP1504CBS Datasheet HTML 9Page - NXP Semiconductors ISP1504CBS Datasheet HTML 10Page - NXP Semiconductors ISP1504CBS Datasheet HTML 11Page - NXP Semiconductors ISP1504CBS Datasheet HTML 12Page - NXP Semiconductors ISP1504CBS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
ISP1504A_ISP1504C_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 19 October 2006
9 of 84
NXP Semiconductors
ISP1504A; ISP1504C
ULPI HS USB OTG transceiver
• VBUS comparators to determine the VBUS voltage level. This is required for the VBUS
detection, SRP and HNP.
• Resistors to temporarily charge and discharge VBUS. This is required for SRP.
• Charge pump to provide 5 V power on VBUS. The downstream peripheral can draw its
power from the ISP1504 VBUS.
7.6.1 ID detector
The ID detector detects which end of the mini-USB cable is plugged in. The detector must
first be enabled by setting the ID_PULLUP register bit to logic 1. If the ISP1504 senses a
value on ID that is different from the previously reported value, an RXCMD status update
will be sent to the USB link, or an interrupt will be asserted.
• If the mini-B end of the cable is plugged in, the ISP1504 will report that ID_GND is
logic 1. The USB link must change to peripheral mode.
• If the mini-A end of the cable is plugged in, the ISP1504 will report that ID_GND is
logic 0. The USB link must change to host mode.
7.6.2 VBUS comparators
The ISP1504 provides three comparators, VBUS valid comparator, session valid
comparator and session end comparator, to detect the VBUS voltage level.
7.6.2.1
VBUS valid comparator
This comparator is used by hosts and A-devices to determine whether the voltage on
VBUS is at a valid level for operation. The ISP1504 minimum threshold for the VBUS valid
comparator is VA_VBUS_VLD. Any voltage on VBUS below VA_VBUS_VLD is considered a fault.
During power-up, it is expected that the comparator output will be ignored.
7.6.2.2
Session valid comparator
The session valid comparator is a TTL-level input that determines when VBUS is high
enough for a session to start. Peripherals, A-devices and B-devices use this comparator to
detect when a session is started. The A-device also uses this comparator to determine
when a session is completed. The session valid threshold of the ISP1504 is VB_SESS_VLD,
with a hysteresis of Vhys(B_SESS_VLD).
7.6.2.3
Session end comparator
The ISP1504 session end comparator determines when VBUS is below the B-device
session end threshold. The B-device uses this threshold to determine when a session has
ended. The session end threshold of the ISP1504 is VB_SESS_END.
7.6.3 SRP charge and discharge resistors
The ISP1504 provides on-chip resistors for short-term charging and discharging of VBUS.
These are used by the B-device to request a session, prompting the A-device to restore
the VBUS power. First, the B-device makes sure that VBUS is fully discharged from the
previous session by setting the DISCHRG_VBUS register bit to logic 1 and waiting for
SESS_END to be logic 1. Then the B-device charges VBUS by setting the CHRG_VBUS
register bit to logic 1. The A-device sees that VBUS is charged above the session valid
threshold and starts a session by turning on the VBUS power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84