| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAV424 Datasheet(PDF) 1 Page - WOLFSPEED, INC. |
|
|
|||||||||||||||||||||||||||||
CAV424 Datasheet(HTML) 1 Page - WOLFSPEED, INC. |
|
1 / 14 page ![]() CAV424 C/V-converter for single and differential capacitive input signals Analog Microelectronics GmbH An der Fahrt 13, D – 55124 Mainz July 2014 – Rev. 3.0 Phone:+49 (0)6131/91 0730-0 Fax: +49 (0)6131/91 073-30 Internet: www.analogmicro.de E–Mail: info@analogmicro.de Principle Function Capacitance/Voltage-converter IC with adjustable voltage output and integrated temperature sensor Function CAV424 is an integrated capacitance-to-voltage converter. The IC measures the capacitance of a connected capacitive measurement head against a reference capacitance and converts the differ- ence into a DC output voltage. CAV424 can be used as analog front end for a micro processor or as stand-alone IC. Typical Applications • Humidity measurement • Distance measurement • Suitable for capacitive pressure sensors • Level sensing • Material identification • Object detection |
Número de pieza similar - CAV424 |
|
Descripción similar - CAV424 |
|
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |