Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74HC153D Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

No. de pieza 74HC153D
Descripción Electrónicos  Dual 4-input multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC153D Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HC153D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC153D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC153D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC153D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC153D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC153D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC153D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC153D Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC153D Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Nexperia
74HC153; 74HCT153
Dual 4-input multiplexer
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
74HCT153
1In to nY, 2In to nY;
see Fig. 6
[1]
VCC = 4.5 V
-
19
34
-
43
-
51
ns
tPHL
HIGH to LOW
propagation
delay
VCC = 5.0 V; CL = 15 pF
-
16
-
-
-
-
-
ns
1In to nY, 2In to nY;
see Fig. 6
[1]
VCC = 4.5 V
-
13
24
-
30
-
36
ns
tPLH
LOW to HIGH
propagation
delay
VCC = 5.0 V; CL = 15 pF
-
16
-
-
-
-
-
ns
Sn to nY; see Fig. 7
[1]
VCC = 4.5 V
-
20
34
-
43
-
51
ns
VCC = 5.0 V; CL = 15 pF
-
17
-
-
-
-
-
ns
nE to nY; see Fig. 7
[1]
VCC = 4.5 V
-
14
27
-
34
-
41
ns
tpd
propagation
delay
VCC = 5.0 V; CL = 15 pF
-
11
-
-
-
-
-
ns
see Fig. 6
[2]
tt
transition time
VCC = 4.5 V
-
7
15
-
19
-
22
ns
CPD
power
dissipation
capacitance
per package;
VI = GND to VCC - 1.5 V
[3]
-
30
-
-
-
-
-
pF
[1] tpd is the same as tPHL and tPLH.
[2] tt is the same as tTHL and tTLH.
[3] CPD is used to determine the dynamic power dissipation (PD in μW):
PD = CPD x VCC 2 x fi x N + ∑(CL x VCC 2 x fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(CL x VCC 2 x fo) = sum of outputs.
aaa-008465
tTHL
tTLH
VX
VY
VM
VM
VI
1In, 2ln input
GND
VOH
nY output
VOL
tPHL
tPLH
VM
VM
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig. 6. Waveforms showing the input (1In, 2In) to output (1Y, 2Y) propagation delays and output transition times
74HC_HCT153
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 10 — 13 August 2021
8 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com