| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FBA12A05LSB Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
FBA12A05LSB Datasheet(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 7 page ![]() FEATURES LOCKED ROTOR ALARM SIGNAL Signal given when fan is running VH VL 1 Revolution 2PPR VH Axial models 1BS FBK04F FAL FCB S S S VL V goes VL to VH Signal given when fan is locked up Available Models Part Number Suffix 2 PULSE PER REVOLUTION SIGNAL Signal given when fan is running VH VL If fan locks on VH, signal stays locked. If fan locks on VL, signal stays at VL for a few hundred MS, then moves to VH. (A:B ˜1:5; A ≥ 100MS) Axial models except: FBK04F FBA06T FBA08T FCB FAL 1BX Signal given when fan is locked up Available Models Part Number Suffix A B VL Lock In Panaflo FBA series models, a locked rotor alarm sensor is available in all models. For Blowers and Crossflo fans, a locked sensor can be provided as an option. A pulse sensor that transmits signals when the motor rotates is also available as an option. The 2 pulse per revolution sensor output is available in all FBA Series models except the 15 mm “T” versions. Specifications of Various Sensors Panaflo Built-in Connector System Lead Wire Connectors: Style: MASS TERMINATION (standard) AMP P/N 173977-3 CRIMP TYPE (this style is a 2 piece assembly) AMP P/N 175778-3 (housing) AMP P/N 175102-1 (terminal) Notes: •Connector style effects lead wire guage. Please refer to fan specs for further details. • All axial fans except the FBA06T, FBA08T and FBKO4F versions come standard with the mass termination connector. The FBA06T, FBA08T and FBKO4F fan leads are connected directly to the PC board in the fan assembly. • All FCB Crossflo models and FAL Blower fan leads are soldered directly to the PC board in the fan assembly. 2 |