Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M37544G2GP Datasheet(PDF) 13 Page - Renesas Technology Corp

No. de pieza M37544G2GP
Descripción Electrónicos  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37544G2GP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M37544G2GP Datasheet HTML 9Page - Renesas Technology Corp M37544G2GP Datasheet HTML 10Page - Renesas Technology Corp M37544G2GP Datasheet HTML 11Page - Renesas Technology Corp M37544G2GP Datasheet HTML 12Page - Renesas Technology Corp M37544G2GP Datasheet HTML 13Page - Renesas Technology Corp M37544G2GP Datasheet HTML 14Page - Renesas Technology Corp M37544G2GP Datasheet HTML 15Page - Renesas Technology Corp M37544G2GP Datasheet HTML 16Page - Renesas Technology Corp M37544G2GP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
7544 Group
Rev.1.04
2004.06.08
page 13 of 66
REJ03B0012-0104Z
Memory
Special function register (SFR) area
The SFR area in the zero page contains control registers such as
I/O ports and timers.
RAM
RAM is used for data storage and for a stack area of subroutine
calls and interrupts.
ROM
The first 128 bytes and the last 2 bytes of ROM are reserved for
device testing and the rest is a user area for storing programs.
Interrupt vector area
The interrupt vector area contains reset and interrupt vectors.
Zero page
The 256 bytes from addresses 000016 to 00FF16 are called the
zero page area. The internal RAM and the special function regis-
ters (SFR) are allocated to this area.
The zero page addressing mode can be used to specify memory
and register addresses in the zero page area. Access to this area
with only 2 bytes is possible in the zero page addressing mode.
Special page
The 256 bytes from addresses FF0016 to FFFF16 are called the
special page area. The special page addressing mode can be
used to specify memory addresses in the special page area. Ac-
cess to this area with only 2 bytes is possible in the special page
addressing mode.
■ Note on use
The content of RAM is undefined when the microcomputer is re-
set. The initial values must be surely set before you use it.
Fig. 13 Memory map diagram
010016
000016
004016
044016
FF0016
FFDC16
FFFE16
FFFF16
256
XXXX16
013F16
8192
E00016
E08016
YYYY16
ZZZZ16
RAM
ROM
Reserved area
SFR area
Disable
Interrupt vector area
ROM area
Reserved ROM area
(128 bytes)
Zero page
Special page
RAM area
RAM capacity
(bytes)
address
XXXX16
ROM capacity
(bytes)
address
YYYY16
Reserved ROM area
address
ZZZZ16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68