| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L8C202PC15 Datasheet(PDF) 21 Page - LOGIC Devices Incorporated |
|
|
|||||||||||||||||||||||||||||
L8C202PC15 Datasheet(HTML) 21 Page - LOGIC Devices Incorporated |
|
21 / 22 page ![]() DEVICES INCORPORATED 21 L8C201/202/203/204 512/1K/2K/4K x 9-bit Asynchronous FIFO 03/04/99–LDS.8C201/2/3/4-H FIFO Products 0°C to +70°C — COMMERCIAL SCREENING –40°C to +85°C — COMMERCIAL SCREENING 28-pin — 0.3" wide 28-pin — 0.6" wide 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 W D8 D3 D2 D1 D0 XI FF Q0 Q1 Q2 Q3 Q8 GND VCC D4 D5 D6 D7 FL/RT RS EF XO/HF Q7 Q6 Q5 Q4 R 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 W D8 D3 D2 D1 D0 XI FF Q0 Q1 Q2 Q3 Q8 GND VCC D4 D5 D6 D7 FL/RT RS EF XO/HF Q7 Q6 Q5 Q4 R L8C204 — ORDERING INFORMATION Plastic DIP (P10) L8C204PC25 L8C204PC15 L8C204PC12 L8C204PC10 L8C204PI25 L8C204PI15 L8C204PI12 L8C204PI10 Speed 25 ns 15 ns 12 ns 10 ns 25 ns 15 ns 12 ns 10 ns Plastic DIP (P9) L8C204NC25 L8C204NC15 L8C204NC12 L8C204NC10 L8C204NI25 L8C204NI15 L8C204NI12 L8C204NI10 |