Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

S32K310 Datasheet(PDF) 24 Page - NXP Semiconductors

No. de pieza S32K310
Descripción Electrónicos  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 20Page - NXP Semiconductors S32K310 Datasheet HTML 21Page - NXP Semiconductors S32K310 Datasheet HTML 22Page - NXP Semiconductors S32K310 Datasheet HTML 23Page - NXP Semiconductors S32K310 Datasheet HTML 24Page - NXP Semiconductors S32K310 Datasheet HTML 25Page - NXP Semiconductors S32K310 Datasheet HTML 26Page - NXP Semiconductors S32K310 Datasheet HTML 27Page - NXP Semiconductors S32K310 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 146 page
background image
6.2 Power management system - S32K312, S32K311, S32K310
FPM
LPM
Not available
in the S32K311
V25
V11_RUN
ADC_n
Flash
memory
PMC
(Double bond)
GPIO
Pads
VDD_HV_A
VSS
SW*
(Double bond)
V11_STANDBY
V11_STANDBY
Registers
SOG
(Standby)
WKPU
MC_PCU
MC_RGM
32 K
SRAM
PIT_0
(RTI)
DCM
SOG
(Run)
LPCMP_n
FXOSC
SIRC
FIRC
SXOSC
PLLDIG
TempSense
RTC
- Standby domain
- Standby domain (optional)
- On during FPM (Run mode) only
SW*
B
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 7, 04/2023
Data Sheet: Technical Data
Preliminary Information
24 / 146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More