Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GS61008T Datasheet(PDF) 9 Page - GaN Systems Inc.

No. de pieza GS61008T
Descripción Electrónicos  Top-side cooled 100 V E-mode GaN transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GAN [GaN Systems Inc.]
Página de inicio  https://gansystems.com/
Logo GAN - GaN Systems Inc.

GS61008T Datasheet(HTML) 9 Page - GaN Systems Inc.

Back Button GS61008T Datasheet HTML 5Page - GaN Systems Inc. GS61008T Datasheet HTML 6Page - GaN Systems Inc. GS61008T Datasheet HTML 7Page - GaN Systems Inc. GS61008T Datasheet HTML 8Page - GaN Systems Inc. GS61008T Datasheet HTML 9Page - GaN Systems Inc. GS61008T Datasheet HTML 10Page - GaN Systems Inc. GS61008T Datasheet HTML 11Page - GaN Systems Inc. GS61008T Datasheet HTML 12Page - GaN Systems Inc. GS61008T Datasheet HTML 13Page - GaN Systems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
GS61008T
Top-side cooled 100 V E-mode GaN transistor
Datasheet
Rev 200402
© 2009-2020 GaN Systems Inc.
9
Submit Datasheet Feedback
Test Circuits
Figure 16: Switching Loss Test Circuit
Application Information
Gate Drive
The recommended gate drive voltage range, VGS, is 0 V to + 6 V for optimal RDS(on) performance. Also, the
repetitive gate to source voltage, maximum rating, VGS(AC), is +7 V to -10 V. The gate can survive non-repetitive
transients up to +10 V and – 20 V for pulses up to 1 µs. These specifications allow designers to easily use 6.0 V
or 6.5 V gate drive settings. At 6 V gate drive voltage, the enhancement mode high electron mobility transistor
(E-HEMT) is fully enhanced and reaches its optimal efficiency point. A 5 V gate drive can be used but may result
in lower operating efficiency. Inherently, GaN Systems E-HEMT do not require negative gate bias to turn off.
Negative gate bias, typically VGS = -3 V, ensures safe operation against the voltage spike on the gate, however it
may increase reverse conduction losses if not driven properly. For more details, please refer to the gate driver
application note "GN001 How to Drive GaN Enhancement Mode Power Switching Transistors” at
www.gansystems.com
Similar to a silicon MOSFET, the external gate resistor can be used to control the switching speed and slew rate.
Adjusting the resistor to achieve the desired slew rate may be needed. Lower turn-off gate resistance, RG(OFF) is
recommended for better immunity to cross conduction. Please see the gate driver application note (GN001) for
more details.
A standard MOSFET driver can be used as long as it supports 6V for gate drive and the UVLO is suitable for 6V
operation. Gate drivers with low impedance and high peak current are recommended for fast switching speed.
GaN Systems E-HEMTs have significantly lower QG when compared to equally sized RDS(on) MOSFETs, so high
speed can be reached with smaller and lower cost gate drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com