Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GS66516T Datasheet(PDF) 3 Page - GaN Systems Inc.

No. de pieza GS66516T
Descripción Electrónicos  Top-side cooled 650 V E-mode GaN transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GAN [GaN Systems Inc.]
Página de inicio  https://gansystems.com/
Logo GAN - GaN Systems Inc.

GS66516T Datasheet(HTML) 3 Page - GaN Systems Inc.

  GS66516T Datasheet HTML 1Page - GaN Systems Inc. GS66516T Datasheet HTML 2Page - GaN Systems Inc. GS66516T Datasheet HTML 3Page - GaN Systems Inc. GS66516T Datasheet HTML 4Page - GaN Systems Inc. GS66516T Datasheet HTML 5Page - GaN Systems Inc. GS66516T Datasheet HTML 6Page - GaN Systems Inc. GS66516T Datasheet HTML 7Page - GaN Systems Inc. GS66516T Datasheet HTML 8Page - GaN Systems Inc. GS66516T Datasheet HTML 9Page - GaN Systems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
GS66516T
Top-side cooled 650 V E-mode GaN transistor
Datasheet
Rev 210727
© 2009-2021 GaN Systems Inc.
3
Submit datasheet feedback
Electrical Characteristics (Typical values at TJ = 25 °C, VGS = 6 V unless otherwise noted)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Drain-to-Source Blocking Voltage
V(BL)DSS
650
V
VGS = 0 V, IDSS = 100 µA
Drain-to-Source On Resistance
RDS(on)
25
32
mΩ
VGS = 6 V, TJ = 25 °C
IDS = 18 A
Drain-to-Source On Resistance
RDS(on)
65
mΩ
VGS = 6 V, TJ = 150 °C
IDS = 18 A
Gate-to-Source Threshold
VGS(th)
1.1
1.7
2.6
V
VDS = VGS
IDS = 14 mA
Gate-to-Source Current
IGS
320
µA
VGS = 6 V, VDS = 0 V
Gate Plateau Voltage
Vplat
3.0
V
VDS = 400 V, IDS = 60 A
Drain-to-Source Leakage Current
IDSS
4
100
µA
VDS = 650 V
VGS = 0 V, TJ = 25 °C
Drain-to-Source Leakage Current
IDSS
800
µA
VDS = 650 V
VGS = 0 V, TJ = 150 °C
Internal Gate Resistance
RG
0.3
f = 5 MHz, open drain
Input Capacitance
CISS
518
pF
VDS = 400 V
VGS = 0 V
f = 100 kHz
Output Capacitance
COSS
126
pF
Reverse Transfer Capacitance
CRSS
5.9
pF
Effective Output Capacitance
Energy Related (Note 3)
CO(ER)
207
pF
VGS = 0 V
VDS = 0 to 400 V
Effective Output Capacitance
Time Related (Note 4)
CO(TR)
335
pF
Total Gate Charge
QG
14.2
nC
VGS = 0 to 6 V
VDS = 400 V
Gate-to-Source Charge
QGS
3.8
nC
Gate-to-Drain Charge
QGD
5.4
nC
Output Charge
QOSS
134
nC
VGS = 0 V, VDS = 400 V
Reverse Recovery Charge
QRR
0
nC
(3) CO(ER) is the fixed capacitance that would give the same stored energy as COSS while VDS is rising from 0 V to the
stated VDS
(4) CO(TR) is the fixed capacitance that would give the same charging time as COSS while VDS is rising from 0 V to the
stated VDS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com