Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

82077AA Datasheet(PDF) 2 Page - Intel Corporation

No. de pieza 82077AA
Descripción Electrónicos  CHMOS SINGLE-CHIP FLOPPY DISK CONTROLLER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

82077AA Datasheet(HTML) 2 Page - Intel Corporation

  82077AA Datasheet HTML 1Page - Intel Corporation 82077AA Datasheet HTML 2Page - Intel Corporation 82077AA Datasheet HTML 3Page - Intel Corporation 82077AA Datasheet HTML 4Page - Intel Corporation 82077AA Datasheet HTML 5Page - Intel Corporation 82077AA Datasheet HTML 6Page - Intel Corporation 82077AA Datasheet HTML 7Page - Intel Corporation 82077AA Datasheet HTML 8Page - Intel Corporation 82077AA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
82077AA CHMOS Single-Chip Floppy Disk Controller
CONTENTS
PAGE
10 INTRODUCTION
7
11 Oscillator
8
12 Perpendicular Recording Mode
8
20 MICROPROCESSOR INTERFACE
8
21 Status Data and Control
Registers
8
211a Status Register A
(SRA PS2 Mode)
8
211b Status Register A
(SRA Model 30 Mode)
8
212a Status Register B
(SRB PS2 Mode)
9
212b Status Register B
(SRB Model 30 Mode)
9
213 Digital Output Register
(DOR)
9
214 Tape Drive Register (TDR)
9
215 Datarate Select Register
(DRS)
10
216 Main Status Register
(MSR)
10
217 FIFO (Data)
11
218a Digital Input Register
(DIR PC-AT Mode)
11
218b Digital Input Register
(DIR PS2 Mode)
11
218c Digital Input Register
(DIR Model 30 Mode)
12
219a Configuration Control
Register
(CCR PC AT and PS2 Modes)
12
219b Configuration Control
Register
(CCR Model 30 Mode)
12
22 RESET
12
221 Reset Pin (‘‘Hardware’’)
Reset
12
222 DOR Reset vs DSR Reset
(‘‘Software’’ Reset)
12
CONTENTS
PAGE
23 DMA Transfers
12
30 DRIVE INTERFACE
12
31 Cable Interface
13
32 Data Separator
13
321 Jitter Tolerance
14
322 Locktime (tLOCK)
14
323 Capture Range
14
324 Reference Filter
15
33 Write Precompensation
15
40 CONTROLLER PHASES
15
41 Command Phase
15
42 Execution Phase
16
421 Non-DMA Mode Transfers
from the FIFO to the Host
16
422 Non-DMA Mode Transfers
from the Host to the FIFO
16
423 DMA Mode Transfers from
the FIFO to the Host
16
424 DMA Mode Transfers from
the Host to the FIFO
17
425 Data Transfer Termination
17
43 Result Phase
17
50 COMMAND SETDESCRIPTIONS
17
51 Data Transfer Commands
24
511 Read Data
24
512 Read Deleted Data
25
513 Read Track
26
514 Write Data
26
515 Write Deleted Data
26
516 Verify
26
517 Format Track
27
5171 Format Fields
28
518 Scan Commands
29
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com