| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EPIB20 Datasheet(PDF) 2 Page - PCA ELECTRONICS INC. |
|
|
|||||||||||||||||||||||||||||
EPIB20 Datasheet(HTML) 2 Page - PCA ELECTRONICS INC. |
|
2 / 50 page ![]() PCA Part No. Inductance (µH) DCR (Ω Max.) IDC (A) Inductance L W H EPI-B20 Toroid Series 1.05 - 248 .011 - 2.225 .180 - 3.4 0.9 - 220 .330 .330 .270 EPI-B30 Toroid Series 1.8 - 360 .007 - 2.0 .260 - 3.1 1.7 - 330 .435 .440 .360 EPI-BH30 Toroid Series 5 - 167 .0148 - .333 .94 - 4.8 3.8 - 116 .425 .430 .360 EPI-BSP30 Toroid Series 123 .5 .610 - .850 94 .500 .500 .215 EPI-B37F Toroid Series 10.4 - 56 .024 - .208 1.7 - 4.0 9.2 - 48.7 .500 .215 .500 EPI-B38 Toroid Series 1.3 - 518 .004 - 1.3 .42 - 9.4 1.1 - .380 .555 .560 .350 EPI-BH38 Toroid Series .9 - 1.76 .0016 - .0028 12 - 14 .72 - 1.31 .600 .615 .370 EPI-B44 Toroid Series .92 - 1372 .0036 - 1.45 .48 - 10 .82 - 1000 .585 .610 .390 EPI-BH44 Toroid Series 2.1 - 3.1 .0027 - .0040 11 - 14 1.4 - 2.2 .650 .650 .400 EPI-BHC44 Toroid Series .92 .0011 23.8 .58 .865 .715 .390 EPI-B50 Toroid Series 1.18 - 1314 .0037 - 1.25 .5 - 11 1.0 - 1000 .670 .700 .390 EPI-BH68 Toroid Series 27 - 265 .025 - .394 1.5 - 5.0 22 - 220 .940 .940 .390 EPI-BHC68 Toroid Series 3.51 .0028 22.4 2.13 1.11 1.00 .390 EPI-BSPH68 Toroid Series 1.94 - 7.1 .001 - .004 24 - 38 1.1 - 3.2 1.220 1.00 .500 EPI-D8763 Drum Series .78 - 15 .0026 - .032 4.4 - 15 8 - 30 .880 .640 .315 EPI-F1818 Shielded Series 1.2 - 180 .024 - 1.54 .22 - 2.56 1.2 - 180 .195 .195 .118 EPI-F1818L Shielded Series 1.0 - 39 .045 - .709 .30 - 1.72 1 - 39 .195 .195 .079 EPI-F2222 Shielded Series 2.6 - 100 .018 - .520 .42 - 2.6 2.6 - 100 .224 .224 .118 EPI-F2626 Shielded Series 3.3 - 100 .02 - .358 .65 - 3.5 3.3 - 100 .264 .264 .157 EPI-F2626L Shielded Series 3.0 - 100 .024 - .535 .54 - 3.00 3 - 100 .264 .264 .118 EPI-F3030 Shielded Series 10 - 1000 .049 - 6.00 .18 - 1.84 10 - 1000 .287 .287 .177 EPI-F3030L Shielded Series 10 - 1000 .072 - 9.44 .16 - 1.68 10 - 1000 .287 .287 .138 EPI-F4040 Shielded Series 1.5 - 330 .0081 - 1.09 .7 - 10 1.5 - 330 .402 .394 .150 EPI-F4747 Shielded Series 10 - 1000 .022 - 1.82 .55 - 5.40 10 - 1000 .472 .472 .315 EPI-F4747L Shielded Series 10 - 1000 .025 - 1.53 .40 - 4 10 - 1000 .472 .472 .236 EPI-F4747LP Shielded Series 3.9 - 330 .015 - .990 .5 - 6.5 3.9 - 330 .472 .472 .177 EPI-G1816 Drum Series 1.0 - 68 .049 - 1.117 .37 - 2.56 1 - 68 .177 .157 .126 EPI-G4036 Drum Series 10 - 8200 .06 - 26 .05 - 2.6 10 - 8200 .394 .354 .213 EPI-G4036L Drum Series 10 - 560 .053 - 1.904 .32 - 2.38 10 - 560 .394 .354 .157 EPI KSP45 Series .55 - 78.4 .006 - .339 .75 – 5.90 .4 – 53 .460 .460 .235 EPI KSP45L Series .40 – 38.4 .006 - .636 .70 – 2.75 .3 – 56.0 .460 .460 .165 EPI KSP56 Series .44 – 78.4 .004 - .220 1.05 – 7.0 .30 - 40 .560 .560 .250 Contents Surface Mount Power Inductor Series |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |