Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ED-582 Datasheet(PDF) 3 Page - Black Box Registered Trademark

No. de pieza ED-582
Descripción Electrónicos  ED-582 Ethernet to RTD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BLACKBOX [Black Box Registered Trademark]
Página de inicio  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

ED-582 Datasheet(HTML) 3 Page - Black Box Registered Trademark

  ED-582 Datasheet HTML 1Page - Black Box Registered Trademark ED-582 Datasheet HTML 2Page - Black Box Registered Trademark ED-582 Datasheet HTML 3Page - Black Box Registered Trademark ED-582 Datasheet HTML 4Page - Black Box Registered Trademark ED-582 Datasheet HTML 5Page - Black Box Registered Trademark ED-582 Datasheet HTML 6Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ethernet Port Pin Outs
PIN
FUNCTION
1
RD+ / TD+
2
RD- / TD-
3
TD+ / RD+
4
NC
5
NC
6
TD- / RD-
7
NC
8
NC
Lifetime Warranty and Support:
We can help with every aspect of your project, from getting you up and running to
custom application.
UK +44 (0)151 220 2500 // USA +1 855 958 2502
www.brainboxes.com // sales@brainboxes.com
Terminal Block Pin Outs
Terminal
Block
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Grey
SIG GND
RS-485 D-
RS-485 D+ RS-485 D+
RS-485 D-
Black
-V
+VA
+VB
-V
Func GND
Power Input
+5V to +30V DC 100mA@24V 2.5W Max
Yellow
RTD Input 0
Orange
RTD Input 1
Green
RTD Input 2
Blue
RTD Input 3
Ethernet to RTD
ED-582
1 2 3 4 5
1 2 3 4 5
1 2 3 4 5
4-WIRE
2-WIRE
3-WIRE



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com