| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM05EC100JO3-ST-R02 Datasheet(PDF) 6 Page - Sharma Electro Components,Inc |
|
|
|||||||||||||||||||||||||||||
DM05EC100JO3-ST-R02 Datasheet(HTML) 6 Page - Sharma Electro Components,Inc |
|
6 / 17 page ![]() Tel: 516-981-6690 Fax: 516-981-6867 SUSCO Engineers & Buyers Guide - Mica Section 6 MICA CAPACITORS CAPACITANCE VOLTAGE VALUE in pF 300 V DC 100 V DC 50 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 1 - 12 C 6.86 4.83 2.79 15 C 6.86 4.83 3.05 18 - 20 C 6.86 5.08 3.05 22 - 24 C 6.86 5.08 3.05 6.86 4.83 3.05 27 E 6.86 5.08 3.30 6.86 4.83 3.05 30 - 33 E 6.86 5.08 3.30 6.86 5.08 3.05 36 E 6.86 5.33 3.30 6.86 5.08 3.05 39 E 6.86 5.33 3.30 6.86 5.08 3.05 6.86 4.83 3.05 43 E 6.86 5.33 3.56 6.86 5.08 3.05 6.86 4.83 3.05 47-51 E 6.86 5.33 3.56 6.86 5.08 3.30 6.86 4.83 3.05 56 E 6.86 5.59 3.81 6.86 5.08 3.30 6.86 4.83 3.05 62 E 6.86 5.59 3.81 6.86 5.33 3.30 6.86 5.08 3.05 68 E 6.86 5.59 3.81 6.86 5.33 3.56 6.86 5.08 3.05 75 - 82 E 6.86 5.84 4.06 6.86 5.33 3.56 6.86 5.08 3.05 91 F 6.86 5.84 4.32 6.86 5.33 3.56 6.86 5.08 3.30 100 - 110 F 6.86 6.10 4.57 6.86 5.59 3.81 6.86 5.08 3.30 120 F 6.86 6.35 4.83 6.86 5.59 4.06 6.86 5.08 3.30 130 F 6.86 5.84 4.06 6.86 5.33 3.30 150 F 6.86 5.84 4.32 6.86 5.33 3.56 160 F 6.86 5.84 4.32 6.86 5.33 3.56 170 - 180 F 6.86 6.10 4.57 6.86 5.33 3.56 200 F 6.86 6.35 4.83 6.86 5.59 3.81 220 F 6.86 5.59 3.81 240 F 6.86 5.59 4.06 270 F 6.86 5.84 4.06 300 F 6.86 5.84 4.32 330 - 360 F 6.86 6.10 4.57 390 F 6.86 6.35 4.83 CAPACITANCE VOLTAGE VALUE in pF 300 V DC 100 V DC 50 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 1 - 12 C 0.270 0.190 0.110 15 C 0.270 0.190 0.120 18 - 20 C 0.270 0.200 0.120 22 - 24 C 0.270 0.200 0.120 0.270 0.190 0.120 27 E 0.270 0.200 0.130 0.270 0.190 0.120 30 - 33 E 0.270 0.200 0.130 0.270 0.200 0.120 36 E 0.270 0.210 0.130 0.270 0.200 0.120 39 E 0.270 0.210 0.130 0.270 0.200 0.120 0.270 0.190 0.120 43 E 0.270 0.210 0.140 0.270 0.200 0.120 0.270 0.190 0.120 47-51 E 0.270 0.210 0.140 0.270 0.200 0.130 0.270 0.190 0.120 56 E 0.270 0.220 0.150 0.270 0.200 0.130 0.270 0.190 0.120 62 E 0.270 0.220 0.150 0.270 0.210 0.130 0.270 0.200 0.120 68 E 0.270 0.220 0.150 0.270 0.210 0.140 0.270 0.200 0.120 75 - 82 E 0.270 0.230 0.160 0.270 0.210 0.140 0.270 0.200 0.120 91 F 0.270 0.230 0.170 0.270 0.210 0.140 0.270 0.200 0.130 100 - 110 F 0.270 0.240 0.180 0.270 0.220 0.150 0.270 0.200 0.130 120 F 0.270 0.250 0.190 0.270 0.220 0.160 0.270 0.200 0.130 130 F 0.270 0.230 0.160 0.270 0.210 0.130 150 F 0.270 0.230 0.170 0.270 0.210 0.140 160 F 0.270 0.230 0.170 0.270 0.210 0.140 170 - 180 F 0.270 0.240 0.180 0.270 0.210 0.140 200 F 0.270 0.250 0.190 0.270 0.220 0.150 220 F 0.270 0.220 0.150 240 F 0.270 0.220 0.160 270 F 0.270 0.230 0.160 300 F 0.270 0.230 0.170 330 - 360 F 0.270 0.240 0.180 390 F 0.270 0.250 0.190 DM05 Case Dimensions in Millimeters Lead Spacing: 3.05 ± 0.8mm DM 05 Mica Capacitors DM05 Case Dimensions in Inches Lead Spacing: 0.120 ± 0.031” DIMENSIONS: LL = 31.75 mm (1.25”) min. |