Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74HC4511 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

No. de pieza 74HC4511
Descripción Electrónicos  BCD to 7-segment latch/decoder/driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4511 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC4511 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4511 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4511 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4511 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4511 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4511 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4511 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4511 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4511 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4511
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 3 — 15 November 2016
4 of 18
Nexperia
74HC4511; 74HCT4511
BCD to 7-segment latch/decoder/driver
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 5.
Pin configuration SO16
Table 2.
Pin description
Symbol
Pin
Description
LT
3
lamp test input (active LOW)
BI
4
ripple blanking input (active low)
LE
5
latch enable input (active low)
A, B, C, D
7, 1, 2, 6
BCD address inputs
GND
8
ground (0 V)
a, b, c, d, e, f, g
13, 12, 11, 10, 9, 15, 14
segments outputs
VCC
16
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com