Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IM564-X6D Datasheet(PDF) 8 Page - Infineon Technologies AG

No. de pieza IM564-X6D
Descripción Electrónicos  CIPOS™ Mini IM564
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IM564-X6D Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IM564-X6D Datasheet HTML 4Page - Infineon Technologies AG IM564-X6D Datasheet HTML 5Page - Infineon Technologies AG IM564-X6D Datasheet HTML 6Page - Infineon Technologies AG IM564-X6D Datasheet HTML 7Page - Infineon Technologies AG IM564-X6D Datasheet HTML 8Page - Infineon Technologies AG IM564-X6D Datasheet HTML 9Page - Infineon Technologies AG IM564-X6D Datasheet HTML 10Page - Infineon Technologies AG IM564-X6D Datasheet HTML 11Page - Infineon Technologies AG IM564-X6D Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Datasheet
8 of 26
Verison 2.3
2021-12-21
CIPOS™ Mini IM564
IM564-X6D/IM564-X6DS
Absolute Maximum Ratings
3
Absolute Maximum Ratings
(VDD= 15 V, VGE = 15 V and TJ = 25°C, if not stated otherwise)
3.1
Module Section
Description
Symbol
Condition
Value
Unit
Storage temperature range
TSTG
-40 ~ 125
°C
Operating case temperature
TC
Refer to Figure 7
-40 ~ 125
°C
Operating junction temperature
TJ
-40 ~ 150
°C
Isolation test voltage
VISO
1 min, RMS, f = 60 Hz
2000
V
3.2
Inverter Section
Description
Symbol
Condition
Value
Unit
Max. blocking voltage
VCES
IC= 250 µA
600
V
DC link supply voltage of P-N
VPN
Applied between P-N
450
V
DC link supply voltage (surge) of P-N
VPN(surge)
Applied between P-N
500
V
Continuous collector current
IC
TC= 25°C, TJ< 150°C
±20
A
TC= 80°C, TJ< 150°C
±15
Maximum peak collector current
IC(peak)
TC= 25°C, TJ< 150°C
less than 1 ms
±40
A
Power dissipation per IGBT
Ptot
63.1
W
Short circuit withstand time1
tSC
VDC ≤ 400V, TJ= 150°C
5
µs
3.3
Control Section
Description
Symbol
Condition
Value
Unit
High-side offset voltage
VS
600
V
Repetitive peak reverse voltage of
bootstrap diode
VRRM
600
V
Module supply voltage
VDD
-1 ~ 20
V
High-side floating supply voltage
(VB reference to VS)
VBS
-1 ~ 20
V
Input voltage(LIN, HIN, ITRIP)
VIN
-5.5 ~ VDD+0.5
V
1
Allowed number of short circuits: < 1000; time between short circuits: > 1 s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com