| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCS320 Datasheet(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS320 Datasheet(HTML) 7 Page - Microchip Technology |
|
7 / 28 page ![]() 2004 Microchip Technology Inc. Preliminary DS41256A-page 7 HCSXXX TABLE 2-6: HCS360 12 X 16-BIT EEPROM MEMORY MAP TABLE 2-7: HCS361 12 X 16-BIT EEPROM MEMORY MAP Word Address Mnemonic Description 0x00 KEY_0 Word 0 (LSb's) of 64-bit crypt key 0x01 KEY_1 Word 1 of 64-bit crypt key 0x02 KEY_2 Word 2 of 64-bit crypt key 0x03 KEY_3 Word 3 (MSb's) of 64-bit crypt key 0x04 SYNC_A 16-bit synchronization value A 0x05 SYNC_B 16-bit synchronization value B or Seed Value (Word 2) 0x06 Reserved Set to 0x0000 0x07 SEED_0 Word 0 (LSb's) of 32-bit seed value 0x08 SEED_1 Word 1 (MSb's) of 32-bit seed value 0x09 SER_0 Word 0 (LSb's) of 32-bit serial number 0x0A SER_1 Word 1 (MSb's) of 32-bit serial number 0x0B CONFIG Configuration Word Word Address Mnemonic Description 0x00 KEY_0 Word 0 (LSb's) of 64-bit crypt key 0x01 KEY_1 Word 1 of 64-bit crypt key 0x02 KEY_2 Word 2 of 64-bit crypt key 0x03 KEY_3 Word 3 (MSb's) of 64-bit crypt key 0x04 SYNC_A 16-bit synchronization value A 0x05 SYNC_B/SEED_2 16-bit synchronization value B or Seed Value (Word 2) 0x06 Reserved Set to 0x0000 0x07 SEED_0 Word 0 (LSb's) of 32-bit seed value 0x08 SEED_1 Word 1 (MSb's) of 32-bit seed value 0x09 SER_0 Word 0 (LSb's) of 32-bit serial number 0x0A SER_1 Word 1 (MSb's) of 32-bit serial number 0x0B CONFIG Configuration Word |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |