| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCS361 Datasheet(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS361 Datasheet(HTML) 26 Page - Microchip Technology |
|
26 / 28 page ![]() HCSXXX DS41256A-page 26 Preliminary 2004 Microchip Technology Inc. 5.10 Programming Waveforms (HCS515) FIGURE 5-11: PROGRAMMING WAVEFORMS MSb A Command Byte Start Command TCLKL TCLKH TDS BC LSb TSTART TDATA D TDATA E Configuration Byte LSb TDATA TREQ TRESP CLK µC Data MSb LSb MSb LSb HCS515 Data TDATA G MSb H TACK TWTH Acknowledge F TWTL LSb MSb Note: The programming command consists of the following: • Command Request Sequence (A to B) • Command Byte (B to C) • Configuration Byte (C to D) • Manufacturer’s Code Eight Data Bytes (D to G) • Activation and Acknowledge Sequence (G to H) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |