| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MAS9116AASD08 Datasheet(PDF) 18 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS9116AASD08 Datasheet(HTML) 18 Page - Micro Analog systems |
|
18 / 18 page ![]() 18 (18) DA9116.005 22 November, 2005 ORDERING INFORMATION Product Code Product Package Quantity Comments MAS9116ASBA-T MAS9116 16-pin Plastic SOIC 1000 pcs/reel in MBB MBB=Moisture Barrier Bag MAS9116ASBA MAS9116 16-pin Plastic SOIC 47 pcs/tube MSB0091A Bake recommendation for surface mounted devices MAS9116AASD06 MAS9116 16-pin Plastic SOIC, RoHS compliant 1000 pcs/reel in MBB MBB=Moisture Barrier Bag MAS9116AASD08 MAS9116 16-pin Plastic SOIC, RoHS compliant 47 pcs/tube MSB0091A Bake recommendation for surface mounted devices MAS9116AAHV06 MAS9116 24-pin QFN 4x5, RoHS compliant 1000 pcs/reel MBB=Moisture Barrier Bag LOCAL DISTRIBUTOR MICRO ANALOG SYSTEMS OY CONTACTS Micro Analog Systems Oy Kamreerintie 2, P.O. Box 51 FIN-02771 Espoo, FINLAND Tel. +358 9 80 521 Fax +358 9 805 3213 http://www.mas-oy.com NOTICE Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Micro Analog Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |