Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UPD178024 Datasheet(PDF) 20 Page - Renesas Technology Corp

No. de pieza UPD178024
Descripción Electrónicos  MOS INTEGRATED CIRCUIT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD178024 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPD178024 Datasheet HTML 16Page - Renesas Technology Corp UPD178024 Datasheet HTML 17Page - Renesas Technology Corp UPD178024 Datasheet HTML 18Page - Renesas Technology Corp UPD178024 Datasheet HTML 19Page - Renesas Technology Corp UPD178024 Datasheet HTML 20Page - Renesas Technology Corp UPD178024 Datasheet HTML 21Page - Renesas Technology Corp UPD178024 Datasheet HTML 22Page - Renesas Technology Corp UPD178024 Datasheet HTML 23Page - Renesas Technology Corp UPD178024 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
18
µPD178023, 178024
Data Sheet U14126EJ2V0DS00
2.2 Internal Extension RAM Size Select Register (IXS)
The internal extension RAM size select register (IXS) sets the internal extension RAM capacity.
Use the
µPD178023, µPD178024 with the initial value (0CH).
Use an 8-bit memory manipulation instruction to set the IXS.
This register is set to 0CH at reset.
Caution Do not assign a value other than that the initial value.
Figure 2-3. Format of Internal Extension RAM Size Select Register (IXS)
IXRAM4 IXRAM3 IXRAM2 IXRAM1 IXRAM0
Selects Internal Extension RAM Capacity
01100
0 byte
Others
Setting prohibited
Table 2-2 indicates the setting of IXS.
Table 2-2. Set Value of Internal Extension RAM Size Select Register
Targeted Model
Set Value of IXS
µPD178023, 178024
0CH
7
0
6
0
5
0
4
IXRAM4
3
IXRAM3
2
IXRAM2
1
IXRAM1
0
IXRAM0
Symbol
IXS
At reset
0CH
R/W
R/W
Address
FFF4H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58