| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS922AIYPT Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS922AIYPT Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 21 page ![]() January 2007 Rev 6 1/21 21 TS922 Rail-to-rail high output current dual operational amplifier Features ■ Rail-to-rail input and output ■ Low noise: 9nV/√Hz ■ Low distortion ■ High output current: 80mA (able to drive 32 Ω loads) ■ High-speed: 4MHz, 1V/ μs ■ Operating from 2.7V to 12V ■ Low input offset voltage: 900 μV max (TS922A) ■ ESD Internal protection: 2kV ■ Latch-up immunity ■ Macromodel included in this specification ■ Dual version available in flip-chip package Description The TS922 is a rail-to-rail dual BiCMOS operational amplifier optimized and fully specified for 3V and 5V operation. The device’s high output current allows low-load impedances to be driven. Very low noise, low distortion, low offset and a high output current capability make this device an excellent choice for high quality, low voltage or battery operated audio systems. The device is stable for capacitive loads up to 500pF. Applications ■ Headphone amplifier ■ Sound cards, multimedia systems ■ Line driver, actuator driver ■ Servo amplifier ■ Mobile phone and portable equipment ■ Instrumentation with low noise as key factor ■ Piezoelectric speaker driver N DIP8 (Plastic package) D SO-8 (Plastic micropackage) P TSSOP8 (Thin shrink small outline package) J (Flip-chip) www.st.com |
Número de pieza similar - TS922AIYPT |
|
Descripción similar - TS922AIYPT |
|
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |