Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BES01M0 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

No. de pieza BES01M0
Descripción Electrónicos  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BALLUFF [Balluff Korea Ltd.]
Página de inicio  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES01M0 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES01M0 Datasheet HTML 1Page - Balluff Korea Ltd. BES01M0 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES 516-383-EO-C-02
Order Code: BES01M0
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 250692
ETIM 6.0: EC002714
BES01M0_0.121_2023-06-21
2 / 2
Material
Housing material
Stainless steel
Material jacket
PVC
Material sensing surface
PBT
Mechanical data
Dimension
Ø 8 x 45 mm
Installation
non-flush
Size
M8x1
Tightening torque
8 Nm
Range/Distance
Assured operating distance Sa
2 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
2.5 mm
Real switching distance sr
2.5 mm
Repeat accuracy max. (% of Sr)
5.0 %
Switching distance marking
■
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com