Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KBJ10005 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

No. de pieza KBJ10005
Descripción Electrónicos  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMCDIODE [SMC Diode Solutions Co. LTD]
Página de inicio  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

KBJ10005 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  KBJ10005 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD KBJ10005 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD KBJ10005 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD KBJ10005 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD KBJ10005 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N1831, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
KBJ10005
THRU
KBJ1010
Type Number
Symbol
KBJ
10005
KBJ
1001
KBJ
1002
KBJ
1004
KBJ
1006
KBJ
1008
KBJ
1010 Units
Forward Voltage (per element)*
@IF =5A
VF
1.1
V
Peak Reverse Current*
@TA = 25°C
At Rated DC Blocking Voltage* @TA = 125°C
IRM
10
500
µA
* Pulse width < 300 µs, duty cycle < 2%
Type Number
Symbol
KBJ
10005
KBJ
1001
KBJ
1002
KBJ
1004
KBJ
1006
KBJ
1008
KBJ
1010 Units
Typical Thermal Resistance(Note 1)
RθJC
1.2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note: 1. Device mounted on 100mm * 100mm * 1.6mm Cu Plate Heatsink.
Electrical Characteristics:@TA=25°C unless otherwise specified
Thermal-Mechanical Specifications:@TA=25°C unless otherwise specified
Ratings and Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com