Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT7786LEC Datasheet(PDF) 1 Page - Richtek Technology Corporation

No. de pieza RT7786LEC
Descripción Electrónicos  PWM Controller for Programmable Power Converter (USBPD)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7786LEC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7786LEC Datasheet HTML 1Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RT7786LEC
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7786LEC-00
June
2019
www.richtek.com
1
PWM Controller for Programmable Power Converter (USBPD)
General Description
The RT7786LEC series is specifically designed to work
with controllers, such as RT7207, so as to provide a
total solution for the USB PD or the programmable
power adapter. The RT7786LEC is able to achieve the
high efficiency performance, meet safety standards,
and consume low standby power, which is normally
less than 30mW in a 5V standby condition.
The RT7786LEC offers several innovative features in
order to provide a solution having the wide-range
output
voltages.
By
using the
DMAG
pin,
the
RT7786LEC senses output voltages to adjust the loop
gain
for
system
stability,
to
adjust
the
output
over-voltage protection threshold voltage for external
device protection, and to adjust the current limit to meet
Limited Power Source (LPS) safety requirements.
The RT7786LEC is also equipped with comprehensive
protection
features,
including
brown-in/brown-out
protection, VDD over-voltage protection (VDD OVP),
output over-voltage/under-voltage protection (Output
OVP/UVP), secondary rectifier short-circuit protection
(SRSP), and external over-temperature protection
(External OTP). For an application with constant output
power regulation, a resistor connected to CS pin can be
used to achieve the accurate line compensation across
the universal input voltage range. The RT7786LEC
also provides various features to protect against
failures occurring at the secondary-side component,
such as the RT7207 or a shunt regulator.
The RT7786LEC and the RT7207 can be used
together to realize a robust and safe design preventing
all potential fault scenarios, due to versatile and
unknown connections of various devices, cables, plugs
and receptacles.
Features
Optimized for Adaptive Output Power
Wide VDD Range : 10V to 32V
Adaptive Over-Current Protection
Adaptive Loop Gain Control for Loop Stability
High Efficiency
Green Mode Operation at Light Load or No
Load
Comprehensive Protection Features
Brown-In and Brown-Out Protection
VDD Over-Voltage Protection
Output Over-Voltage and Under-Voltage
Protection
External Over-Temperature Protection
Secondary Rectifier Short-Circuit Protection
Programmable Line Compensation
Others
< 30mW in 5V Standby Mode for Power Saving
Driver Capability : 300mA/
300mA
SmartJitter
TM Technology
Applications
USB PD
Programmable Power Adapters
Simplified Application Circuit
VOUT
GND
COMP
GND
VDD
GATE
CS
DMAG
HV
CC1
CC2
CS-
AGND
VDD
V2
BLD
OPTO
IFB
VFB
CC1
CC2
RT7786LEC
RT7207C
USBP
AC Mains
Option
Option
Option
GND
V5
VCP
V9 CC_GND


Número de pieza similar - RT7786LEC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RT7736 RICHTEK-RT7736 Datasheet
684Kb / 23P
SmartJitterTM PWM Flyback Controller
June 2019
RT7736BGE RICHTEK-RT7736BGE Datasheet
684Kb / 23P
SmartJitterTM PWM Flyback Controller
June 2019
RT7736EGE RICHTEK-RT7736EGE Datasheet
684Kb / 23P
SmartJitterTM PWM Flyback Controller
June 2019
RT7736FGE RICHTEK-RT7736FGE Datasheet
684Kb / 23P
SmartJitterTM PWM Flyback Controller
June 2019
RT7736GGE RICHTEK-RT7736GGE Datasheet
684Kb / 23P
SmartJitterTM PWM Flyback Controller
June 2019
More results

Descripción similar - RT7786LEC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1851 TI-UC1851 Datasheet
576Kb / 7P
Programmable, Off-Line, PWM Controller
logo
Elantec Semiconductor
EL7571C ELANTEC-EL7571C Datasheet
480Kb / 23P
Programmable PWM Controller
logo
List of Unclassifed Man...
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
RT9223 ETC-RT9223 Datasheet
139Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
Intersil Corporation
EL7571 INTERSIL-EL7571 Datasheet
310Kb / 19P
Programmable PWM Controller
October 25, 2004
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
Programmable, Off-Line, PWM Controller
logo
Renesas Technology Corp
EL7571 RENESAS-EL7571 Datasheet
847Kb / 19P
Programmable PWM Controller
logo
Richtek Technology Corp...
RT7753GCS RICHTEK-RT7753GCS Datasheet
124Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
RT7791 RICHTEK-RT7791 Datasheet
126Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
RT7791P RICHTEK-RT7791P Datasheet
126Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com