| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM339ADE4 Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM339ADE4 Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 48 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 8-Sep-2023 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM139AD ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM139A Samples LM139ADG4 LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM139A LM139ADR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM139A Samples LM139ADRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM139A Samples LM139D ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM139 Samples LM139DG4 LIFEBUY SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM139 LM139DR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM139 Samples LM139DRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -55 to 125 LM139 Samples LM239AD ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM239A Samples LM239ADE4 ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM239A Samples LM239ADR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -25 to 85 LM239A Samples LM239ADRE4 LIFEBUY SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM239A LM239ADRG4 LIFEBUY SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM239A LM239D ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM239 Samples LM239DE4 ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM239 Samples LM239DG4 ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM239 Samples LM239DR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -25 to 85 LM239 Samples LM239DRG3 ACTIVE SOIC D 14 2500 RoHS & Green SN Level-1-260C-UNLIM -25 to 85 LM239 Samples LM239DRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM239 Samples LM239N ACTIVE PDIP N 14 25 RoHS & Green NIPDAU | SN N / A for Pkg Type -25 to 85 LM239N Samples LM239NE4 LIFEBUY PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type -25 to 85 LM239N Addendum-Page 1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |