| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL750L05CLPM Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL750L05CLPM Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 20 page ![]() Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) no Sb/Br) TL751L05CDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL751L05CDRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL751L05CP OBSOLETE PDIP P 8 TBD Call TI Call TI TL751L05MFKB OBSOLETE LCCC FK 20 TBD Call TI Call TI TL751L05MJGB OBSOLETE CDIP JG 8 TBD Call TI Call TI TL751L05QD OBSOLETE SOIC D 8 TBD Call TI Call TI TL751L05QDR OBSOLETE SOIC D 8 TBD Call TI Call TI TL751L05QP OBSOLETE PDIP P 8 TBD Call TI Call TI TL751L10CD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL751L10CDE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL751L10CDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL751L10CDRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL751L10CP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type TL751L10CPE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type TL751L10QD OBSOLETE SOIC D 8 TBD Call TI Call TI TL751L10QP OBSOLETE PDIP P 8 TBD Call TI Call TI TL751L12CD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL751L12CDE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL751L12CDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL751L12CDRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TL751L12CP OBSOLETE PDIP P 8 TBD Call TI Call TI TL751L12MFKB OBSOLETE LCCC FK 20 TBD Call TI Call TI TL751L12MJGB OBSOLETE CDIP JG 8 TBD Call TI Call TI TL751L12QD OBSOLETE SOIC D 8 TBD Call TI Call TI TL751L12QDR OBSOLETE SOIC D 8 TBD Call TI Call TI TL751L12QP OBSOLETE PDIP P 8 TBD Call TI Call TI (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. PACKAGE OPTION ADDENDUM www.ti.com 10-Feb-2007 Addendum-Page 3 |